Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSRT0201HT10R0-UP Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # CSRT0201HT10R0-UP
Description  Thin Film Current Sensing Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRT0201HT10R0-UP Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  CSRT0201HT10R0-UP Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev Date: 3/28/2022
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com/
Please confirm technical specifications before you order and/or use.
CSRT Series
Thin Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics
Mechanical Specifications
– Wide Termination
0.063 ± 0.006
0.126 ± 0.008
0.022 ± 0.006
0.012 ± 0.008
0.020 ± 0.008
inches
1.60 ± 0.15
3.20 ± 0.20
0.55 ± 0.15
0.30 ± 0.20
0.50 ± 0.20
mm
0.098 ± 0.006
0.197 ± 0.006
0.022 ± 0.006
0.016 ± 0.008
0.020 ± 0.008
inches
2.50 ± 0.15
5.00 ± 0.15
0.55 ± 0.15
0.40 ± 0.20
0.50 ± 0.20
mm
0.126 ± 0.008
0.248 ± 0.008
0.022 ± 0.006
0.024 ± 0.010
0.031 ± 0.010
inches
3.20 ± 0.20
6.30 ± 0.20
0.55 ± 0.15
0.60 ± 0.25
0.80 ± 0.25
mm
Unit
CSRT0612
CSRT1020
CSRT1225
Type/Code
L
Body Length
W
Body Width
H
Body Height
I1
Top Termination
I2
Bottom Termination
Test Item
Test Method
Test Condition
Test Limits
Temperature
Coefficient of
Resistance (TCR)
JIS C-5201-1 4.8
IEC-60115-1 4.8
TCR +125°C, 25°C is the reference temperature
Refer to Electrical
Specifications table
Standard Power: 5 times rated power whichever is less
for 5 seconds
Dielectric Withstanding
Voltage
JIS C-5201-1 4.7
0805, 0612 and above applied 500 VAC, 1 minute
0201, 0402, 0603 applied 300 VAC, 1 minute
No short or burned on the
appearance
Core Body Strength
JIS C-5201-1 4.15
Central part pressurizing force: 10 N, 10 seconds
No breakage.
Solderability
JIS C-5201-1 4.17
IEC-60115-1 4.17
245ºC ± 5°C for 3 ± 0.5 seconds
>95% coverage - no visual
damage
Resistance to Soldering
Heat
JIS C-5201-1 4.18
IEC-60115-1 4.18
260ºC ± 5°C for 10 seconds
± (1% + 0.001Ω)
No visual damage
Leaching
JIS C5201-1 4.18
IEC-60068-2-58 8.2.1
260ºC ± 5°C for 30 seconds
>95% coverage - no visual
damage
Rapid Change of
Temperature
JIS C-5201-1 4.19
IEC-60115-1 4.19
-55°C to +155°C, 300 cycles
± (1% + 0.001Ω)
No visual damage
Damp Heat with Load
JIS C-5201-1 4.24
IEC-60115-1 4.24
40ºC ± 2°C, 90 ~ 95% R.H., rated power or max. working current
whichever is less for 1000 hours with 1.5 hours "ON"
and 0.5 hours "OFF"
± (1% + 0.001Ω)
Biased Humidity
MIL-STD-202
Method 103
1000 hours; 85°C/85% RH, 10% of operating power. Measurement
at 24 ± 4 hours after test conclusion.
± (0.5% + 0.05Ω)
Load Life (Endurance)
JIS C-5201-1 4.25
IEC-60115-1 4.25.1
70ºC ± 2°C, rated power or max. working current whichever is less
for 1000 hours with 1.5 hours "ON" and 0.5 hours "OFF"
± (1% + 0.001Ω)
High Temperature
Exposure
JIS C-5201-1 4.25
IEC 60068-2-2
At +155ºC ± 5°C for 1000 + 48/- 0 hours all sizes, except 2512-UP
At +170ºC ± 5°C for 1000 + 48/- 0 hours for 2512-UP
± (1% + 0.001Ω)
Resistance to Solvent
JIS C-5201-1
clause 4.29
The tested resistor be immersed into isopropyl alcohol of
20°C ~ 25°C for 60 seconds.
Then the resistor is left in room for 48 hours
± (1% + 0.001Ω)
No visual damage
Terminal Strength
JIS C-5201-1 4.32
AEC Q200-006
Pressurizing force for 10 seconds.
0201, 0402, 0603: 8 N; 0805, 0612 and above: 17.7N
No breakage
Short Time Overload
JIS C-5201-1 4.13
IEC-60115-1 4.13
± (1% + 0.001Ω)
High Power and wide terminal type: 5 times rated power whichever
is less for 5 seconds
Insulation Resistance
100 VDC for 1 minute
≥ 10GΩ
JIS C-5201-1 4.8
IEC-60115-1 4.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com