Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSRT0201HT10R0-UP Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # CSRT0201HT10R0-UP
Description  Thin Film Current Sensing Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRT0201HT10R0-UP Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  CSRT0201HT10R0-UP Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev Date: 3/28/2022
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com/
Please confirm technical specifications before you order and/or use.
CSRT Series
Thin Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Recommended Pad Layout
Reel Specifications
Type/Code
a
b
c
Unit
0.010
0.033
0.014
inches
0.25
0.85
0.35
mm
0.020
0.063
0.028
inches
0.50
1.60
0.70
mm
0.031
0.094
0.039
inches
0.80
2.40
1.00
mm
0.051
0.114
0.057
inches
1.30
2.90
1.45
mm
0.047
0.189
0.072
inches
1.20
4.80
1.84
mm
0.087
0.165
0.071
inches
2.20
4.20
1.80
mm
0.079
0.173
0.106
inches
2.00
4.40
2.70
mm
0.150
0.260
0.106
inches
3.80
6.60
2.70
mm
0.193
0.319
0.134
inches
4.90
8.10
3.40
mm
0.020
0.102
0.126
inches
0.50
2.60
3.20
mm
0.039
0.159
0.217
inches
1.00
4.05
5.50
mm
0.047
0.205
0.276
inches
1.20
5.20
7.00
mm
CSRT1210
CSRT0402
CSRT1206
(0.01 Ω - 0.038 Ω)
CSRT0201
CSRT0603
CSRT0805
CSRT1206
(0.039 Ω - 10 Ω)
CSRT0612
CSRT1020
CSRT1225
CSRT2010
CSRT2512 (-UP)
Type/Code
Unit
0.079 ± 0.020
0.531 ± 0.039
0.827 ± 0.039
2.362 ± 0.039
0.453 ± 0.079
7.008 ± 0.079
inches
2.00 ± 0.50
13.50 ± 1.00
21.00 ± 1.00
60.00 ± 1.00
11.50 ± 2.00
178.00 ± 2.00
mm
A
B
C
D
CSRT0402
M
CSRT0201
CSRT0603
CSRT0805
W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com