Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSRT0201HT10R0-UP Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # CSRT0201HT10R0-UP
Description  Thin Film Current Sensing Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRT0201HT10R0-UP Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  CSRT0201HT10R0-UP Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev Date: 3/28/2022
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com/
Please confirm technical specifications before you order and/or use.
CSRT Series
Thin Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
0201 to 2512 (standard terminations) and
0612 to 1225 (wide terminations) available
•
Low resistance, TCR and inductance
•
Excellent long-term stability
•
High precision current sensing
•
High power capability
•
“-UP” High power version
•
Non-standard resistance values available
•
AEC-Q200 qualified (all sizes except 0201)
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
•
For anti-sulfur CSRT, see CSRT-AS Series
– Anti-sulfur Metal Film Low Resistance Chip Resistor
Applications:
•
Consumer electronics
•
Computer
•
Telecom
•
Measuring instrument
•
Industrial / Power supply
•
Battery management system
0.5%
1%
2%
5%
CSRT2512_-UP
3.5
8.37
18.71
± 50
Ohmic Range (Ω) and Tolerance
0.05 - 50
Type/Code
Power Rating (W)
@ 70ºC
Max Rated Current
(A)
Max Overload
(A)
TCR (ppm/ºC)
Electrical Specifications
Electrical Specifications
– High Power
0.5%
1%
2%
5%
± 100
± 50
± 100
± 50
± 100
± 50
± 150
± 100
± 50
0.5
7.07
15.81
± 200
-
± 150
± 100
± 50
± 150
± 100
± 50
CSRT2010
1.5
3.87
8.66
± 50
CSRT2512
3
5.48
12.25
± 50
0.039 - 0.049
0.05 - 0.098
0.1 - 10
0.1 - 10
0.1 - 10
0.1 - 10
0.039 - 0.049
0.05 - 0.098
0.1 - 10
0.01 - 0.038
0.1 - 10
0.05 - 0.098
0.1 - 10
0.039 - 0.049
0.05 - 0.098
Ohmic Range (Ω) and Tolerance
0.05 - 0.098
0.1 - 10
0.05 - 0.098
4.47
2
0.2
CSRT0201
6.32
2.83
0.4
CSRT0603
CSRT0402
0.25
2.24
5
Power Rating (W)
@ 70ºC
Type/Code
Max Rated Current
(A)
Max Overload
(A)
TCR (ppm/ºC)
CSRT1210
5.06
11.32
1
5.06
11.32
3.58
8
CSRT0805
0.5
1
CSRT1206


Similar Part No. - CSRT0201HT10R0-UP

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CSRT0402DT10L0-AS SEI-CSRT0402DT10L0-AS Datasheet
322Kb / 7P
Anti-sulfur Metal Film Low Resistance Chip Resistor
5/20/2022
CSRT0402DT10R0-AS SEI-CSRT0402DT10R0-AS Datasheet
322Kb / 7P
Anti-sulfur Metal Film Low Resistance Chip Resistor
5/20/2022
CSRT0402DT98L0-AS SEI-CSRT0402DT98L0-AS Datasheet
322Kb / 7P
Anti-sulfur Metal Film Low Resistance Chip Resistor
5/20/2022
CSRT0402FT10L0-AS SEI-CSRT0402FT10L0-AS Datasheet
322Kb / 7P
Anti-sulfur Metal Film Low Resistance Chip Resistor
5/20/2022
CSRT0402FT10R0-AS SEI-CSRT0402FT10R0-AS Datasheet
322Kb / 7P
Anti-sulfur Metal Film Low Resistance Chip Resistor
5/20/2022
More results

Similar Description - CSRT0201HT10R0-UP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
110R CALMIRCO-110R Datasheet
393Kb / 1P
THIN FILM RESISTOR SERIES
logo
List of Unclassifed Man...
CSRN2512FKR150 ETC2-CSRN2512FKR150 Datasheet
116Kb / 6P
CSR/CSRN Series Thick Film Current Sensing Resistor
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
THIN FILM CURRENT SENSING CHIP RESISTORS
logo
Vishay Siliconix
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
Thin Film Microwave Resistor
02-May-13
MIF VISHAY-MIF Datasheet
84Kb / 3P
Thin Film Microwave Resistor
02-May-13
SA VISHAY-SA_15 Datasheet
82Kb / 3P
Current Sensing Wirebondable Thin Film Chip Resistors
13-Mar-15
logo
Stackpole Electronics, ...
CSR SEI-CSR Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
logo
Eaton All Rights Reserv...
MFHA EATON-MFHA Datasheet
599Kb / 6P
SMD current sensing resistor-metal film
June 2022
MFL EATON-MFL Datasheet
613Kb / 9P
SMD current sensing resistor- metal film
June 2022
MFLA EATON-MFLA Datasheet
644Kb / 8P
SMD current sensing resistor- metal film
June 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com