Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATO25F1GA-30EC Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # ATO25F1GA-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GA-30EC Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GA-30EC Datasheet HTML 24Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 25Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 26Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 27Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 28Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 29Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 30Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 31Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
28/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
8.7
Page Program
The PAGE PROGRAM operation sequence programs 1 byte to 2112 bytes of data within a page.
The page program sequence is as follows:
• 06h (WRITE ENABLE)
• 02h/32h (PROGRAM LOAD)
• 10h (PROGRAM EXECUTE)
• 0Fh (GET FEATURE command to read the status)
Prior to performing the PROGRAM LOAD operation, a WRITE ENABLE (06h) command must be
issued. As with any command that changes the memory contents, the WRITE ENABLE must be
executed in order to set the WEL bit. If this command is not issued, then the rest of the program
sequence is ignored. WRITE ENABLE must be followed by a PROGRAM LOAD (02h/32h)
command. PROGRAM LOAD consists of an 8-bit Op code, followed by a 16-bit column address,
then the data bytes to be programmed. The data bytes are loaded into a page buffer that is 2112
bytes long. If more than 2112 bytes are loaded, then those additional bytes are ignored by the
page buffer. The command sequence ends when CS goes from LOW to HIGH. Figure 16 shows
the PROGRAM LOAD operation.
After the data is loaded, a PROGRAM EXECUTE (10h) command must be issued to initiate the
transfer of data from the page buffer to the main array. PROGRAM EXECUTE consists of an
8-bit Op code, followed by a 24-bit address. After the page/block address is registered, the
memory device starts the transfer from the page buffer to the main array, and is busy for tPROG
time. During this busy time, the status register can be polled to monitor the status of the
operation (refer to the Status Register section). When the operation completes successfully, the
next series of data can be loaded with the PROGRAM LOAD command. Only the Get Feature
and Reset command are valid while programming is in progress. The number of consecutive
partial page programming operation within the same page without an intervening erase operation
must not exceed 4 for main array and 4 for spare array. And the device is limited to one partial
page program per each area of main or spare array.
(Refer to Figure 5)
Figure 17. Program Load(02h) instruction sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com