Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATO25F1GA-30EC Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # ATO25F1GA-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GA-30EC Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GA-30EC Datasheet HTML 27Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 28Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 29Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 30Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 31Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 32Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 33Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 34Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
31/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
8.8
Random Data Program
The RANDOM DATA PROGRAM sequence programs or replaces data in a page with existing
data. The random data program sequence is as follows:
• 06h (WRITE ENABLE)
• 84h/34h (PROGRAM LOAD RANDOM DATA)
• 10h (PROGRAM EXECUTE)
• 0Fh (GET FEATURE command to read the status)
Prior to performing a PROGRAM LOAD RANDOM DATA operation, a WRITE ENABLE(06h)
command must be issued to change the contents of the memory array. Following a WRITE
ENABLE (06) command, a PROGRAM LOAD RANDOM DATA (84h/34h) command must be
issued. This command consists of an 8-bit Op code, a 16-bit column address. New data is
loaded in the column address provided with the 12 bits. If the random data is not sequential,
then another PROGRAM LOAD RANDOM DATA (84h/34h) command must be issued with a
new column address. And the device is limited to one program data load per each a fixed length
of 8 byte section within a 2112 byte(page).
After the data is loaded, a PROGRAM EXECUTE(10h) command can be issued to start the
programming operation.
Figure 20. Program Load Random Data(84h) instruction sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com