Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATO25F1GA-30EC Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # ATO25F1GA-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GA-30EC Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GA-30EC Datasheet HTML 38Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 39Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 40Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 41Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 42Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 43Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 44Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 45Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 46Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
44/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
14
Package mechanical
Figure 29.
8-Contact 8x6mm WSON
SYMBOL
MILLIMETERS
MIN.
NOM.
MAX.
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.20 REF.
b
0.55
0.60
0.65
D
5.90
6.00
6.10
E
7.90
8.00
8.10
e
1.27 BSC
L
1.90
1.95
2.00
K
0.20
-
-
PAD
SIZE
E2
D2
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
3.35
3.40
3.45
4.25
4.30
4.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com