Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103ZCT6TR Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32F103ZCT6TR
Description  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZCT6TR Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32F103ZCT6TR Datasheet HTML 110Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 111Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 112Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 113Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 114Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 115Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 116Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 117Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 143 page
background image
Package information
STM32F103xC, STM32F103xD, STM32F103xE
114/143
DS5792 Rev 13
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
6.1
LFBGA144 package information
Figure 62. LFBGA144 – 144-ball low profile fine pitch ball grid array, 10 x 10 mm,
0.8 mm pitch, package outline
1. Drawing is not to scale.
Table 65. LFBGA144 – 144-ball low profile fine pitch ball grid array, 10 x 10 mm,
0.8 mm pitch, package mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Typ
Min
Max
A(2)
-
-
1.700
-
-
0.0669
A1
0.250
0.300
0.350
0.098
0.0118
0.0138
A2
0.810
0.910
1.010
0.0319
0.0358
0.0398
A3
0.225
0.26
0.295
0.0089
0.0102
0.0116
A4
0.585
0.650
0.715
0.0230
0.0256
0.0281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com