Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103ZCT6TR Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32F103ZCT6TR
Description  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZCT6TR Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32F103ZCT6TR Datasheet HTML 112Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 113Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 114Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 115Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 116Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 117Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 118Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 119Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 143 page
background image
Package information
STM32F103xC, STM32F103xD, STM32F103xE
116/143
DS5792 Rev 13
Device marking for LFBGA144 package
The following figure gives an example of topside marking orientation versus ball A1 identifier
location.
Figure 64. LFBGA144 marking example (package top view)
1. Parts marked as ES or E or accompanied by an Engineering Sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST’s Quality department must be contacted prior to any decision to use these engineering
samples to run a qualification activity
UBM
0.350 mm
Dsm
0.470 mm typ. (depends on the solder mask
registration tolerance)
Stencil opening
0.400 mm
Stencil thickness
Between 0.100 mm to 0.125 mm
Pad trace width
0.120 mm
Ball Diameter
0.400 mm
Table 66. LFBGA144 recommended PCB design rules (0.8 mm pitch BGA) (continued)
Dimension
Recommended values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com