Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BW50RAM-3P2P6 Datasheet(PDF) 1 Page - Fuji Electric

Part # BW50RAM-3P2P6
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P2P6 Datasheet(HTML) 1 Page - Fuji Electric

  BW50RAM-3P2P6 Datasheet HTML 1Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 2Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 3Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 4Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 5Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 6Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 7Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 8Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
06/1
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
G-TWIN Standard Series (IEC/EN/GB/JIS conformed)
Line protection
AC415V BW32 BW50 BW63 BW100 BW125 BW160 BW250 BW400 BW630 BW800
Icu
1.5kA
AAG
AAG
AAG
2.5kA
SAG
EAG
EAG
7.5kA
SAG
SAG
10kA
RAG
RAG
EAG
18kA
EAG
EAG
30kA
JAG
JAG
JAG
EAG
36kA
SAG
SAG
SAG
SAG
EAG
EAG
50kA
RAG
RAG
RAG
RAG
RAG
RAG
65kA
HAG*
HAG*
HAG*
70kA
HAG
HAG
HAG
Note: * There are no performance indications for GB standards for the BW50HAG, BW125HAG,
and BW250HAG.
G-TWIN Global Series (IEC/EN/GB/JIS/UL/CSA conformed)
Line protection
AC415V BW50 BW100 BW125 BW250 BW400 BW630 BW800
Icu
10kA
RAGU EAGU
18kA
EAGU
30kA
JAGU JAGU EAGU
36kA
SAGU
50kA
RAGU RAGU RAGU RAGU RAGU
70kA
HAGU HAGU HAGU
BW0 Series (IEC/EN/GB conformed)
Line protection
AC415V 100AF
160AF
250AF
Icu
15kA
BW103E0
18kA
BW162E0
BW163E0
BW252E0
BW253E0
25kA
BW162J0
BW163J0
BW252J0
BW253J0
30kA
BW102S0
BW103S0
36kA
BW162S0
BW163S0
BW252S0
BW253S0
S, H Series
Line protection
AC415V 50AF
100AF
225AF
400AF
600AF
800AF
1000AF
1200AF
1600AF
Icu
65kA
H52BA
H53BA
H102BA
H103BA
H202BA
H203BA
SA1003E
SA1004E
SA1203E
SA1204E
85kA
H103R
H203R
SA1603E
SA1604E
125kA
H403R
H603R
H803R
Molded Case Circuit Breakers
List of products
Motor protection
AC415V BW32 BW50 BW63 BW100 BW125 BW250
Icu
1.5kA
AAM
2.5kA
SAM
EAM
EAM
7.5kA
SAM
SAM
10kA
RAM
EAM
18kA
EAM
30kA
JAM
JAM
50kA
RAM
RAM
F Series
Distribution Breakers
AC240V 50AF
100AF
Icu
3kA
F51B
F52B
F53B
F102B
F103B
H Series
Motor protection
AC415V 50AF
Icu
65kA
H53BAM


Similar Part No. - BW50RAM-3P2P6

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
BW50-2G AAVID-BW50-2G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
BW50-2G AAVID-BW50-2G Datasheet
8Mb / 116P
How to Use This Catalog
BW50-4G AAVID-BW50-4G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
BW50-4G AAVID-BW50-4G Datasheet
8Mb / 116P
How to Use This Catalog
More results

Similar Description - BW50RAM-3P2P6

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
Molded Case Circuit Breakers UL489 Listed
logo
List of Unclassifed Man...
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
Molded Case Circuit Breakers
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
Miniature Molded Case Circuit Breakers
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
FORMULA UL Molded Case Circuit Breakers
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
Molded Case Circuit Breakers
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
Circuit Breakers
R59 NTE-R59 Datasheet
494Kb / 1P
Circuit Breakers
logo
Schneider Electric
PGF36025U43A SCHNEIDER-PGF36025U43A Datasheet
139Kb / 1P
Molded Case Circuit Breaker 600V 250A
Oct 20, 2020
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
Circuit Breakers, Molded Case Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
Miniature circuit breakers
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com