Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BW50RAM-3P2P6 Datasheet(PDF) 17 Page - Fuji Electric

Part # BW50RAM-3P2P6
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P2P6 Datasheet(HTML) 17 Page - Fuji Electric

Back Button BW50RAM-3P2P6 Datasheet HTML 13Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 14Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 15Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 16Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 17Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 18Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 19Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 20Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 21Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 93 page
background image
06/17
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
Quick reference guide
G-TWIN Global Series
Ampere frame
630A
800A
Type
BW630RAGU
BW630HAGU
BW800RAGU
BW800HAGU
Pole
3
3
3
3
Rated current Reference amb. temp. (40°C) In(A)
500, 600, 630*1
700, 800*2
Rated impulse withstand voltage
Uimp(kV)
8
8
8
8
Isolation compliant
Rated insulation voltage Ui (V)
AC
690
690
690
690
DC
250
250
250
250
Rated breaking
capacity
IEC 60947-2
EN 60947-2
JIS C 8201-2-1
Icu/Ics (kA)
AC
690V 15/8
15/8
15/8
15/8
500V 36/18
42/21
36/18
42/21
440V 50/25
70/35
50/25
70/35
415V 50/25
70/35
50/25
70/35
400V 50/25
70/35
50/25
70/35
380V 50/25
70/35
50/25
70/35
240V 100/50
125/63
100/50
125/63
230V 100/50
125/63
100/50
125/63
DC
250V 40/20
40/20
40/20
40/20
GB14048.2
Icu/Ics(kA)
AC
400V 50/25
70/35
50/25
70/35
230V 100/50
125/63
100/50
125/63
UL489
CAN/CSA C22.2 NO.5
(kA)
AC
600V/
−
25
−
25
600V/Y −
25
−
25
480V/
50
65
(With block terminal:50)
50
65
(With block terminal:50)
480V/Y −
65
(With block terminal:50)
50
65
(With block terminal:50)
240V 100
125
100
125
DC
125/250V 10
10
10
10
Conforming to
standards
CE Marking
(TÜV)
(TÜV)
(TÜV)
(TÜV)
CCC certificate
UL Listed (NEMA AB1)
Electrical Appliance and Material Safety Law <PS>E*3 −
−
−
−
Dimensions (inch(mm))
a
8.268 (210)
8.268 (210)
8.268 (210)
8.268 (210)
b
10.83 (275)
10.83 (275)
10.83 (275)
10.83 (275)
c
4.055 (103)
4.055 (103)
4.055 (103)
4.055 (103)
d
5.748 (146)
5.748 (146)
5.748 (146)
5.748 (146)
Mass (kg)
8.9
8.9
9.4
9.4
Tripping device
Thermal-magnetic
Connecting terminal
Page 06/26
Flat
Block
Internal accessories
Page 06/65
Alarm switch
K
Auxiliary switch
W
Undervoltage trip
R
Shunt trip
F
External accessories
Page 06/66
Handle padlocking device Cap type
QN
Handle padlocking device Plate type
Q2
Operating handle N-type
N
Operating handle V-type
V
Terminal cover
BT L
Insulation barrier Interphase
BP
Handle locking cover
L1
: Approved
: Available
–: Not available
Note: *1 Breakers for 630A cannot be manufactured with block terminals.
*2 Block terminals are standard for Breakers for 800A.
*3 Electrical Appliance and Material Safety Law of Japan
c
a
d
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com