Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BW50RAM-3P2P6 Datasheet(PDF) 71 Page - Fuji Electric

Part # BW50RAM-3P2P6
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW50RAM-3P2P6 Datasheet(HTML) 71 Page - Fuji Electric

Back Button BW50RAM-3P2P6 Datasheet HTML 67Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 68Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 69Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 70Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 71Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 72Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 73Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 74Page - Fuji Electric BW50RAM-3P2P6 Datasheet HTML 75Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
06/71
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
n
Lead wire specification
125AF, 160AF, 250AF
32AF, 50AF, 63AF, 100AF
400AF, 630AF, 800AF
Notes:
* If the chosen combination has more than 8 terminals, 2 terminal blocks are mounted.
• Mount the terminal block on the surface on which the accessories are mounted.
See the table of the combinations of internal accessories on pages 06/68.
for information on the accessory mounting position.
• Available wire: Solid wire: 1.6ø Stranded wire: 2mm2
• Terminal blocks are available as factory mounted only.
M3.5
Load
Line
(Left)
Terminal block *
(Right)
38
19
8
8
81.5
69
56.5
44
9.5
80
11
CL
51.5
39.3
27
12
7
12.5
M3.5
L
C
L
C
L
C
L
C
CL
C
L
48.5
36
23.5
48
9
7
12.5
n
Terminal blocks
n
Undervoltage trip device
32AF, 50AF, 63AF, 100AF
AF
Pole
wire size
Wire length
32 to 100AF
–
0.4mm2 (AWG22)
Ca 500mm
125 to 250AF
2P, 3P
0.5mm2 (AWG20)
4P
400 to 800AF
2P, 3P
0.5mm2
Ca 500mm
4P
Ca 400 to 450mm
Molded Case Circuit Breakers
G-TWIN series
Internal accessories
77
60
51
41
24
68
M3.5
25
75
Mass: 0.15kg
10.5
45
61
CL
CL
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com