Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTL8019AS Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8019AS Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button RTL8019AS Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 26Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
8019AS.doc
2001-05-10
·ç¬R¥b¾ÉÅéªÑ¥÷¦³--¤½¥q
SPECIFICATION
RTL8019AS
23
5.2. Group 2: Plug and Play (PnP) Registers
Auto-configuration Ports
Three 8-bit I/O ports are defined for the PnP read/write operations. They are called Auto-
configuration ports and are listed below.
Port Name
Type
Location
ADDRESS
W
279H (Printer status port)
WRITE_DATA
W
A79H (Printer status port + 800H)
READ_DATA
R
Relocatable in range 200H to 3FFH
The Plug and Play registers are accessed by first writing the address of the desired register, which is
called "Register Index" in the following paragraph, to the ADDRESS port, followed by a read of
data from the READ_DATA port or a write of data to the WRITE_DATA port. A write to the
ADDRESS port may be followed by any number of WRITE_DATA or READ_DATA accesses to
the same indexed register without the need to write to the ADDRESS port before each access.
The Address port is also the write destination of the initiation key, which will be described later.
Plug and Play Registers
The Plug and Play registers may be divided into card registers and logical device registers.
According to the Plug and Play specification, a PnP card may contain more than one logical devices.
The card registers are unique for each card. However, the logical device registers are repeated for
each logical device on the card. Furthermore, all card registers are card control registers, while the
logical device registers can be divided into logical device control registers and configuration
registers. Although an RTL8019AS card contains only one logical device, the following paragraph
still depicts the Plug and Play registers by the same PnP categorizing method.
p.s. Those registers or bits not mentioned below are all read only with value=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com