Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTL8019AS Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8019AS Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button RTL8019AS Datasheet HTML 29Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 30Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 31Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 32Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 33Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 34Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
8019AS.doc
2001-05-10
·ç¬R¥b¾ÉÅéªÑ¥÷¦³--¤½¥q
SPECIFICATION
RTL8019AS
33
There are two other special considerations for the software protocol. During an iteration, it is
possible that the 55H and AAH combination is never detected. It is also possible that the checksum
does not match. If either of these cases occur on the first iteration, it must be assumed that the
READ_DATA port is in conflict. If a conflict is detected, then the READ_DATA port is relocated.
The above process is repeated until a non-conflicting location for the READ_DATA port is found.
The entire range between 200H and 3FFH is available, however in practice it is expected that only
a few locations will be tried before software determines that no Plug and Play cards are present.
During subsequent iterations, the occurrence of either of these two special cases should be
interpreted as the absence of any further Plug and Play cards (i.e. the last card was found in the
previous iteration). This terminates the isolation protocol.
NOTE: The software must delay 1 msec prior to starting the first pair of isolation reads, and
must wait 250 msec between each subsequent pair of isolation reads. This delay gives the
ISA card time to access information from possibly very slow storage devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com