Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTL8019AS Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8019AS Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button RTL8019AS Datasheet HTML 39Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 40Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 41Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 43Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 44Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 45Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 46Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
8019AS.doc
2001-05-10
·ç¬R¥b¾ÉÅéªÑ¥÷¦³--¤½¥q
SPECIFICATION
RTL8019AS
43
Mode 3: Loopback through the cable (LB1=1, LB0=1 in TCR)
The packets are transmitted via the MAU onto the network and RTL8009 receives all
incoming packets (not only the MAU-loopbacked Tx data) in the meantime.
SNI
83910
NIC
8390
MAU
8392/RTL8005
CABLE
Ref:
q
q Alignment of the Reception FIFO
The reception FIFO is an 8-byte ring structure. The first received byte is put at location zero.
When the location pointer goes to the end of the FIFO, it wraps to the beginning of the FIFO and
overwrites the previous data. At the end of the packet reception, the FIFO contents are in the
"order" (from the ring structure's view) as shown below.
(1) CRC enabled (CRC bit in TCR=0)
s 1-byte received packet data
s 4-byte CRC
s 1-byte lower byte count
s 1-byte upper byte count
s 1-byte upper byte count
(2) CRC disabled (CRC bit in TCR=1)
s 5-byte received packet data
s 1-byte lower byte count
s 1-byte upper byte count
s 1-byte upper byte count
6.6.2. To Implement Loopback Test
(1) To verify the integrity of data path
s set RCR=00h to accept physical packet
s set PAR0-5 to accept packet
s set DCR=40h (8-bit slot) or 43h (16-bit slot)
s set TCR=02h, 04h, 06h to do loopback test 1, 2, 3 respectively
s set CRC enabled (CRC=0 in TCR)
s clear ISR
s tx a packet and check ISR
s check FIFO after loopback
Note: Loopback mode 3 is sensitive to the network traffic, so the values of FIFO may be not
correct.
(2) To verify CRC logic
q
q Select a loopback mode (e.g. mode 2) to test
A. To test CRC generator
s set RCR=00h to accept physical packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com