Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G07DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LAUNCHXL-F28379D Hardware
www.ti.com
8
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
6
LAUNCHXL-F28379D Hardware
6.1
Device Pin Out
Table 5 through Table 8 lists the pin out and pin mux options for the C2000 LaunchPad. Additional muxing
options are available and can be found in the TMS320F2837xD Dual-Core Delfino™ Microcontrollers Data
Manual.
(1)
For full pin muxing table for functions shown here and additional mux options, see the TMS320F2837xD Dual-Core Delfino™
Microcontrollers Data Manual.
(2)
This signal is also routed to the IO expansion header, J9. For information on how to configure this signal, see Section 5.5.
Table 5. F28379D LaunchPad Pin Out and Pin Mux Options - J1, J3
Mux Value
J1
Pin
J3
Pin
Mux Value
X
2
1
0
0
Alt Function
2
X
3.3V
1
21
5V
GPIO32
2
22
GND
SCIRXDB
GPIO19
3
23
ADCIN14
CMPIN4P
SCITXDB
GPIO18
4
24
ADCINC3
CMPIN6N
GPIO67
5
25
ADCINB3
CMPIN3N
GPIO111
6
26
ADCINA3
CMPIN1N
SPICLKA(1)
GPIO60
7
27
ADCINC2
CMPIN6P
GPIO22
8
28
ADCINB2
CMPIN3P
SCLA
GPIO105(2)
9
29
ADCINA2
CMPIN1P
SDAA
GPIO104(2)
10
30
ADCINA0
DACOUTA
(1)
For full pin muxing table for functions shown here and additional mux options, see the TMS320F2837xD Dual-Core Delfino™
Microcontrollers Data Manual.
(2)
This signal is also routed to the IO expansion header, J9. For information on how to configure this signal, see Section 5.5.
Table 6. F28379D LaunchPad Pin Out and Pin Mux Options - J4, J2
Mux Value
J4
Pin
J2
Pin
Mux Value
X
2
1
0
0
1
2
X
EPWM1A
GPIO0
40
20
GND
EPWM1B
GPIO1
39
19
GPIO61
EPWM2A
GPIO2
38
18
GPIO123
SD1_C1(1)
EPWM2B
GPIO3
37
17
GPIO122
SD1_D1(1)
EPWM3A
GPIO4
36
16
RST
EPWM3B
GPIO5
35
15
GPIO58
SPISIMOA(1)
OUTPUTXBAR1
GPIO24
34
14
GPIO59
SPISOMIA(1)
OUTPUTXBAR7(1)
GPIO16
33
13
GPIO124
SD1_D2(1)
DAC1
32
12
GPIO125
SD1_C2(1)
DAC2
31
11
GPIO29(2)
OUTPUTXBAR6(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com