Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G07DBVR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 16Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 17Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 18Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 19Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 20Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 21Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 22Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 23Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LAUNCHXL-F28379D Hardware
www.ti.com
20
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
6.4
Bill of Materials (BOM)
Table 9 lists the LAUNCHXL-F28379D bill of materials.
Table 9. LAUNCHXL-F28379D Bill of Materials
Item
#
Note
Part Number
Qty
REF
Desig
nator
Manufacturer
(Digi-Key)
Description
ROHS
(Digi-
Key)
Lead Free
Status
Reach
Status
(Digi-
Key)
Reach
Effective
Date
(Digi-
Key)
Availability
Description
(Digi-Key)
Manufacturer
Part Number
Digi-Key)
Digi-Key
Part Number
(Digi-Key)
1
PCB
LAUNCHXL-
F28379D PCB
rev2.0
1
PCB
6 layers,red
soldermask,wihte
silkscreen,130*59mm,
ENIG,Launchxl-F28379D
Rev2.0 pcb
2
MCU
TMS320F28379DZ
WTT
1
U14
Texas
Instruments
IC, MCU 32BIT
1024KB,TMS320F28379
DZWTT,
BGA-337,SMD,customer
supply
YES
Lead Free
Reach
Not
Affected
Jun-2016
Non-Stock
IC MCU 32BIT 1MB
FLASH 337NFBGA
TMS320F28379DZ
WTT
TMS320F28379DZ
WTT-ND
3
Memory
93LC56BT-I/OT
1
U8
Microchip
Technology
IC,EEPROM Serial-
Microwire 2K-Bit 128 x
16 2MHz,93LC56BT-
I/OT,SOT-23-6,SMD
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
IC EEPROM 2KBIT
2MHZ SOT23-6
93LC56BT-I/OT
93LC56BT-I/OTCT-
ND
4
Power
Management
REF5030IDGKT
1
U13
Texas
Instruments
IC ?V-Ref Precision 3V
10mA 8-Pin VSSOP T/R
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
IC VREF SERIES 3V
8VSSOP
REF5030IDGKT
296-24501-1-ND
5
DC-DC
LMR62421XMFE/N
OPB
1
U12
Texas
Instruments
Conv DC-DC Single Step
Up 2.7V to 5.5V 5-Pin
SOT-23 T/R
,CUSTOMER SUPPLY
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
IC REG BST SEPIC
ADJ 2.1A SOT23
LMR62421XMFE/
NOPB
LMR62421XMFE/N
OPBCT-ND
6
DC-DC
TPS62080ADSGT
1
U4
Texas
Instruments
IC REG BUCK SYNC
ADJ 1.2A 8WSON
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
IC REG BUCK ADJ
1.2A SYNC 8WSON
TPS62080ADSGT
296-30360-1-ND
7
DC-DC
TPS62162DSGT
1
U17
Texas
Instruments
IC REG BUCK SYNC
3.3V 1A 8WSON
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
IC REG BUCK 3.3V
1A SYNC 8WSON
TPS62162DSGT
296-29897-1-ND
8
Amplifier
THS4531IDGKR
1
U1
Texas
Instruments
IC OPAMP DIFF 27MHZ
RRO 8VSSOP TR
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
IC OPAMP DIFF
27MHZ RRO 8VSSOP
THS4531IDGKR
296-30342-1-ND
9
Amplifier
OPA350EA/250
2
U11,U19
Texas
Instruments
IC OPAMP GP 38MHZ
RRO 8VSSOP T/R
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
IC OPAMP GP
38MHZ RRO 8VSSOP
OPA350EA/250
OPA350EACT-ND
10
Logic
TXB0106PWR
1
U2
Texas
Instruments
IC, 6-bit bidirectional
voltage-level translator
with auto-direction
sensing and ±15-kV ESD
protection,
TXB0106PWR, TSSOP-
16, SMD,Cusomer
Supply
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
IC 6BIT NON-INV
TRANSLTR 16TSSOP
TXB0106PWR
296-23759-1-ND
11
Logic
SN74LVC2G07DBV
R
1
U9
Texas
Instruments
Buffer/Driver 2-CH Non-
Inverting Open Drain
CMOS 6-Pin SOT-23
T/R,CUSTOMER
SUPPLY
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
IC BUFF/DVR DL
NON-INV SOT23-6
SN74LVC2G07DBV
R
296-13494-1-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com