Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G07DBVR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 23 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 19Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 20Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 21Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 22Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 23Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 24Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 25Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 26Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
www.ti.com
LAUNCHXL-F28379D Hardware
23
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
Table 9. LAUNCHXL-F28379D Bill of Materials (continued)
Item
#
Note
Part Number
Qty
REF
Desig
nator
Manufacturer
(Digi-Key)
Description
ROHS
(Digi-
Key)
Lead Free
Status
Reach
Status
(Digi-
Key)
Reach
Effective
Date
(Digi-
Key)
Availability
Description
(Digi-Key)
Manufacturer
Part Number
Digi-Key)
Digi-Key
Part Number
(Digi-Key)
41
Ceramic
Capacitor
GRM155R60J225M
E15D
14
C2, C27,
C29, C42,
C46, C47,
C48, C49,
C71, C72,
C75, C76,
C77, C78
Murata
Electronics North
America
CAP,2.2UF,±20%,X5R,
6.3V,SMD0402
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
CAP CER 2.2µF 6.3V
X5R 0402
GRM155R60J225M
E15D
490-4519-1-ND
42
Ceramic
Capacitor
GRM188R60J106M
E47D
5
C68, C69,
C70, C79,
C81
Murata
Electronics North
America
CAP,10UF,±20%,X5R,
6.3V,SMD0603
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
CAP CER 10µF 6.3V
X5R 0603
GRM188R60J106M
E47D
490-3896-1-ND
43
Ceramic
Capacitor
GRM188R60J226M
EA0D
3
C23,C38,
C80
Murata
Electronics North
America
CAP,22UF,±20%,X5R,
6.3V,SMD0603
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
CAP CER 22µF 6.3V
X5R 0603
GRM188R60J226M
EA0D
490-7611-1-ND
44
Ceramic
Capacitor
GRM32DR71E106K
A12L
2
C41, C44
Murata
Electronics North
America
CAP,10UF,±10%,X7R,
25V,SMD1210
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
CAP CER 10µF 25V
X7R 1210
GRM32DR71E106K
A12L
490-1867-1-ND
45
Ceramic
Capacitor
GRM155R61A104K
A01D
35
C1, C5,
C9, C12,
C13, C14,
C16, C24,
C28, C30,
C31, C32,
C33, C34,
C35, C36,
C37, C39,
C43, C56,
C57, C58,
C59, C60,
C61, C62,
C63, C64,
C65, C66,
C67, C73,
C74,C84,
C85
Murata
Electronics North
America
CAP,100NF(0.1uf),±10%
,X5R,10V,SMD0402
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
CAP CER 0.1µF 10V
X5R 0402
GRM155R61A104K
A01D
490-1318-1-ND
46
Ceramic
Capacitor
GRM32ER61E226K
E15L
1
C45
Murata
Electronics North
America
CAP,22UF,±10%,X5R,
25V,SMD1210
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
CAP CER 22µF 25V
X5R 1210
GRM32ER61E226K
E15L
490-3889-1-ND
47
Ceramic
Capacitor
GRM155R60J475M
E47D
3
C8, C10,
C11
Murata
Electronics North
America
CAP,4.7UF,±20%,X5R,
6.3V,SMD0402 fix PN
add D?20151023?
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
CAP CER 4.7µF 6.3V
X5R 0402
GRM155R60J475M
E47D
490-5915-1-ND
48
Ceramic
Capacitor
GRM188R61A335K
E15D
1
C15
Murata
Electronics North
America
CAP,3.3uF,±10%,X5R,
10V,SMD0603
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
CAP CER 3.3µF 10V
X5R 0603
GRM188R61A335K
E15D
490-6411-1-ND
49
Ceramic
Capacitor
GRM1555C1H360J
A01D
4
C3,C4,C1
7,C18
Murata
Electronics North
America
CAP,36pF,±5%,C0G,50V
,SMD0402
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
CAP CER 36PF 50V
C0G/NP0 0402
GRM1555C1H360J
A01D
490-5937-1-ND
50
Inductor
LQH3NPN1R0NJ0L
1
L8
Murata
Electronics North
America
FIXED IND 1µH 1.62A
40 MΩ SMD,±30%
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
FIXED IND 1µH 1.62A
40 MΩ SMD
LQH3NPN1R0NJ0L
490-5342-1-ND
51
Inductor
CDRH2D18/HPNP-
2R2NC
1
L7
Sumida America
Components Inc.
Power inductor,magnetic
shielded,2.2µH,1.6A,0.06
Ω,3.0X3.0X1.8mm,SMD
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
FIXED IND 2.2µH
1.9A 60 MΩ SMD
CDRH2D18/HPNP-
2R2NC
308-2295-2-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com