Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEO3910 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LEO3910
Description  Rad-hard plastic 2 A positive low drop voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEO3910 Datasheet(HTML) 1 Page - STMicroelectronics

  LEO3910 Datasheet HTML 1Page - STMicroelectronics LEO3910 Datasheet HTML 2Page - STMicroelectronics LEO3910 Datasheet HTML 3Page - STMicroelectronics LEO3910 Datasheet HTML 4Page - STMicroelectronics LEO3910 Datasheet HTML 5Page - STMicroelectronics LEO3910 Datasheet HTML 6Page - STMicroelectronics LEO3910 Datasheet HTML 7Page - STMicroelectronics LEO3910 Datasheet HTML 8Page - STMicroelectronics LEO3910 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Features
Operating input voltage from 3 V to 12 V
Adjustable output voltage from 1.23 V to 9 V
Low-dropout voltage: 0.35 V @ IO = 400 mA
Overtemperature protection
Overcurrent protection
Adjustable current limitation
Inhibit (ON/OFF) TTL-compatible control
Gold bonding
Nickel/palladium/gold-lead-finished (NiPdAu), whisker-free
RML <1% and CVCM <0.1% guaranteed outgassing
50 krad(Si) total ionizing dose
SEL free up to 62.5 MeV.cm²/mg
Compliant with ST-LEO-specification
Application
Low earth orbit (LEO) applications
Description
The LEO3910 is a positive adjustable voltage regulator housed into a Power-SO 20L
slug-down package, which is able to provide in regulation a maximum output current
up to 2 A.
It can operate over a large temperature range of -40 °C to +125 °C.
The LEO3910 is compliant with the ST-LEO-specification, dedicated specifications for
space-ready rad-hard plastic products. This AEC-Q100-based specidfication offers
a specific trade-off among footprint size savings, cost of ownership and quality
assurance together with radiation hardness and a large quantity capability.
Product status link
LEO3910
Rad-hard plastic 2 A positive low drop voltage regulator
LEO3910
Datasheet
DS13691 - Rev 2 - February 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LEO3910

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
LEO-S55 ADVANTECH-LEO-S55 Datasheet
539Kb / 3P
LoRaWAN Temperature/Humidity Sensor
19-May-2023
LEO-S552-THC0 ADVANTECH-LEO-S552-THC0 Datasheet
539Kb / 3P
LoRaWAN Temperature/Humidity Sensor
19-May-2023
LEO-S552-THG0 ADVANTECH-LEO-S552-THG0 Datasheet
539Kb / 3P
LoRaWAN Temperature/Humidity Sensor
19-May-2023
LEO-S57 ADVANTECH-LEO-S57 Datasheet
696Kb / 3P
LoRaWAN Temperature Probe Sensor
19-May-2023
LEO-S572-TPC0 ADVANTECH-LEO-S572-TPC0 Datasheet
696Kb / 3P
LoRaWAN Temperature Probe Sensor
19-May-2023
More results

Similar Description - LEO3910

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
Rad-Hard Adjustable positive voltage regulator
26-Jan-2007
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
Rad-hard adjustable positive voltage regulator
23-Nov-2007
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
Rad-hard adjustable positive voltage regulator
21-Jan-2010
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
Rad-hard positive fixed voltage regulator
19-Oct-2010
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
Rad-hard adjustable positive voltage regulator
20-Aug-2012
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
logo
Anaren Microwave
MSK5971RH ANAREN-MSK5971RH Datasheet
558Kb / 8P
RAD HARD POSITIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_V01 Datasheet
1Mb / 20P
Rad-hard positive fixed voltage regulator
10-Feb-2021
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
2 A Rad-hard adjustable positive linear voltage regulator
04-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com