Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEO3910PDT-D Datasheet(PDF) 9 Page - STMicroelectronics

Part # LEO3910PDT-D
Description  Rad-hard plastic 2 A positive low drop voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEO3910PDT-D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LEO3910PDT-D Datasheet HTML 5Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 6Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 7Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 8Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 9Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 10Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 11Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 12Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Figure 4. Reference voltage vs. temperature
(VIN=VOUT+2.5 V)
1.16
1.18
1.2
1.22
1.24
1.26
1.28
1.3
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ °C]
Vin=Vout+2.5V, Vout= Vadj, Cin=0.1Fµ,
Cout=1µF (tantalum), Iout = 5 mA
Figure 5. Line regulation vs. temperature
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ °C]
Vout+2.5 V<Vin <12V, Vout= Vadj, Cin=0.1Fµ
Cout=1µF (tantalum),Iout=5mA
Figure 6. Load regulation vs. temperature ( IOUT= 5
mA to 1 A)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ °C]
Vin=Vout+2.5V, Vout=Vadj, Cin=0.1µF,
Cout=1µF (tantalum),5mA<Iout<1A
Figure 7. Inhibit threshold vs. temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ °C]
Vin=Vout+2.5V
Vin=12V
Vout =Vadj, Cin=0.1 μF, Cout =1 μF(tantalum),No load
Figure 8. Output voltage vs input voltage (IOUT=0
mA,T=25 °C and T=125 °C)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
2
3
4
5
6
VIN [V]
125°C
25°C
Vout = Vadj, Cin =0.1μF, Cout =1μF(tantalum),No load,
T=25 °C, T=125 °C
Figure 9. Output voltage vs input voltage (IOUT=0
mA,T=0 °C and T=-55 °C)
LEO3910
Application information
DS13691 - Rev 2
page 9/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com