Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEO3910PDT-D Datasheet(PDF) 4 Page - STMicroelectronics

Part # LEO3910PDT-D
Description  Rad-hard plastic 2 A positive low drop voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEO3910PDT-D Datasheet(HTML) 4 Page - STMicroelectronics

  LEO3910PDT-D Datasheet HTML 1Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 2Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 3Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 4Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 5Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 6Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 7Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 8Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
3
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
-0.3 to 14
V
VO
DC output voltage range
-0.3 to (VI + 0.3)
V
VADJ
ADJ pin voltage
-0.3 to (VO + 0.3)
V
VOCM
Over current monitor pin voltage
-0.3 to (VI + 0.3)
V
VISC
Current limit pin voltage
-0.3 to (VI + 0.3)
V
VINH
INHIBIT input voltage
-0.3 to (VI + 0.3)
V
IO
Output current
Internally limited
PD
Power dissipation
Internally limited
Tstg
Storage temperature range
-65 to +150
°C
Note:
Exceeding maximum ratings may damage the device. All values are referred to GND.
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
2
°C/W
RthJA
Thermal resistance junction-ambient
2s2p board jedec board
25
°C/W
LEO3910
Maximum ratings
DS13691 - Rev 2
page 4/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com