Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEO3910PDT-D Datasheet(PDF) 10 Page - STMicroelectronics

Part # LEO3910PDT-D
Description  Rad-hard plastic 2 A positive low drop voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEO3910PDT-D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LEO3910PDT-D Datasheet HTML 6Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 7Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 8Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 9Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 10Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 11Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 12Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 13Page - STMicroelectronics LEO3910PDT-D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Figure 10. Quiescent current vs. temperature (no
load)
Figure 11. Quiescent current vs. temperature (IOUT
= 30 mA)
Figure 12. Quiescent current vs. temperature (IOUT
= 300 mA)
Figure 13. Quiescent current vs. temperature (IOUT
= 1 A)
Vout = Vadj,Cin =0.1μF, Cout =1μF(tantalum), Iout=1A
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ °C]
Vin=Vout+2.5V
Vin=12V
Figure 14. Dropout voltage vs. temperature (VOUT=3
V, IOUT=400 mA)
Vout = 3V, Cin = 0 .
1 μF, Cout =1μF(tantalum), Iout=400 mA
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ °C]
200
220
240
260
280
300
320
340
360
380
400
420
440
460
480
500
Figure 15. Dropout voltage vs. temperature (VOUT=3
V, IOUT=1 A)
Vout = 3V, Cin = 0 .
1 μF, Cout =1μF(tantalum), Iout=1 A
200
240
280
320
360
400
440
480
520
560
600
640
680
720
760
800
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ °C]
LEO3910
Application information
DS13691 - Rev 2
page 10/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com