Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RHRPM4423K01V Datasheet(PDF) 23 Page - STMicroelectronics

Part # RHRPM4423K01V
Description  Rad-hard 4.5 A dual inverting low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4423K01V Datasheet(HTML) 23 Page - STMicroelectronics

Back Button RHRPM4423K01V Datasheet HTML 19Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 20Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 21Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 22Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 23Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 24Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 25Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 26Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
11.2
Flat-10 package information
Figure 28. Flat-10 package outline
8367330_A
Table 8. Flat-10 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.26
2.44
2.62
b
0.38
0.43
0.48
c
0.102
0.127
0.152
D
6.35
6.48
6.60
E
6.35
6.48
6.60
E2
4.32
4.45
4.58
E3
0.88
1.01
1.14
e
1.27
L
6.35
9.40
Q
0.66
0.79
0.92
S1
0.16
0.485
0.81
N
RHRPM4423
Flat-10 package information
DS11827 - Rev 3
page 23/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com