Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RHRPM4423K01V Datasheet(PDF) 25 Page - STMicroelectronics

Part # RHRPM4423K01V
Description  Rad-hard 4.5 A dual inverting low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4423K01V Datasheet(HTML) 25 Page - STMicroelectronics

Back Button RHRPM4423K01V Datasheet HTML 21Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 22Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 23Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 24Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 25Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 26Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 27Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 28Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
12.1
Other information
12.1.1
Data code
The date code is structured as shown below:
•
EM xyywwz
•
QML-V yywwz where:
Figure 29. Date code composition
x
yy
ww
z
Assembly location (EM only) 3:
Rennes (France)
Week digits
Last two digits of year
Lot index in the week
12.1.2
Documentation
Table 10. Documentation provided
Quality level
Documentation
Engineering model
-
QML-V flight
Certificate of conformance with group C (reliability test) and group D (package
qualification) reference
Precap report
PIND test summary (test method conformance certificate) (1)
SEM report (2)
X-ray report
Screening summary
Failed component list, (list of components that have failed during screening)
Group A summary (QCI electrical test) (3)
Group B summary (QCI mechanical test)
Group E (QCI wafer lot radiation test)
1. QCI = quality conformance inspection.
2. PIND = particle impact noise detection.
3. SEM = scanning electron microscope.
RHRPM4423
Other information
DS11827 - Rev 3
page 25/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com