Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RHRPM4423K01V Datasheet(PDF) 30 Page - STMicroelectronics

Part # RHRPM4423K01V
Description  Rad-hard 4.5 A dual inverting low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4423K01V Datasheet(HTML) 30 Page - STMicroelectronics

Back Button RHRPM4423K01V Datasheet HTML 23Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 24Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 25Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 26Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 27Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 28Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 29Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 30Page - STMicroelectronics RHRPM4423K01V Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin configuration (top view) ........................................................... 3
Figure 3.
Typical application diagram ........................................................... 5
Figure 4.
Typical application diagram as buck switching regulator ........................................ 5
Figure 5.
Time diagram .................................................................... 10
Figure 6.
Parallel output connection ........................................................... 11
Figure 7.
Minimum gate resistance ............................................................ 12
Figure 8.
Driver and load equivalent circuits ...................................................... 13
Figure 9.
Power dissipation with Rg = 2.2 Ω ...................................................... 14
Figure 10.
Power dissipation with Rg = 4.7 Ω ...................................................... 14
Figure 11.
Output current vs. time ............................................................. 15
Figure 12.
Evaluation board layout: top view ...................................................... 16
Figure 13.
Evaluation board layout: bottom view.................................................... 17
Figure 14.
PWM_x rise time vs supply voltage ..................................................... 18
Figure 15.
PWM_x rise time vs supply voltage ..................................................... 18
Figure 16.
PWM_x fall time vs supply voltage ..................................................... 18
Figure 17.
PWM_x fall time vs temperature ....................................................... 18
Figure 18.
Input-to-output delay time vs supply voltage ............................................... 18
Figure 19.
Input-to-output delay time vs temperature ................................................ 18
Figure 20.
Source resistance vs temperature ...................................................... 19
Figure 21.
Sink resistance vs temperature ........................................................ 19
Figure 22.
Output resistance vs current.......................................................... 19
Figure 23.
Operating supply current vs supply voltage (operating frequency = 100 kHz) ........................ 19
Figure 24.
Operating supply current vs supply voltage (operating frequency = 300 kHz) ........................ 19
Figure 25.
Operating supply current vs supply voltage (operating frequency = 500 kHz) ........................ 19
Figure 26.
Quiescent current vs temperature ...................................................... 20
Figure 27.
Flat-16 package outline ............................................................. 21
Figure 28.
Flat-10 package outline ............................................................. 23
Figure 29.
Date code composition ............................................................. 25
RHRPM4423
List of figures
DS11827 - Rev 3
page 30/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com