Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A2C50S65M2 Datasheet(PDF) 14 Page - STMicroelectronics

Part # A2C50S65M2
Description  ACEPACKTM 2 converter inverter brake, 650 V, 50 A trench gate field-stop IGBT M series, soft diode and NTC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2C50S65M2 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button A2C50S65M2 Datasheet HTML 8Page - STMicroelectronics A2C50S65M2 Datasheet HTML 9Page - STMicroelectronics A2C50S65M2 Datasheet HTML 10Page - STMicroelectronics A2C50S65M2 Datasheet HTML 11Page - STMicroelectronics A2C50S65M2 Datasheet HTML 12Page - STMicroelectronics A2C50S65M2 Datasheet HTML 13Page - STMicroelectronics A2C50S65M2 Datasheet HTML 14Page - STMicroelectronics A2C50S65M2 Datasheet HTML 15Page - STMicroelectronics A2C50S65M2 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Revision history
Table 13. Document revision history
Date
Revision
Changes
16-Oct-2017
1
Initial release
02-Mar-2018
2
Removed maturity status indication from cover page. The document status is
production data.
Updated features on cover page.
Updated Table 10. Electrical characteristics of the bridge rectifiers.
Updated Figure 15. IGBT thermal impedance and Figure 16. Inverter diode
thermal impedance.
Updated Figure 23. ACEPACK™ 2 CIB solder pins package outline
(dimensions are in mm).
Minor text changes
19-Nov-2018
3
Added Section STPOWER LOGO and Figure 6. IGBT collector current vs case
temperature.
A2C50S65M2
DS12340 - Rev 3
page 14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com