Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F084BL/016LU Datasheet(PDF) 65 Page - SINOWEALTH Electronic Ltd

Part # SH79F084BL/016LU
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F084BL/016LU Datasheet(HTML) 65 Page - SINOWEALTH Electronic Ltd

Back Button SH79F084BL/016LU Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 69Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
SH79F084B
65
Table 9.11 PWM Duty Control Register
D3H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PWMD
PWMD.7
PWMD.6
PWMD.5
PWMD.4
PWMD.3
PWMD.2
PWMD.1
PWMD.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
PWMD[7:0]
PWM Duty cycle control, which the controls the first half time of PWM waveform
1. If PWMP
≤ PWMD, PWM pin outputs high level when the PWMS = 0
If PWMP
≤ PWMD, PWM pin outputs low level when the PWMS = 1
2. When PWMD = 00H, PWM pin outputs GND if the PWMS = 0
When PWMD = 00H, PWM pin outputs HIGH if the PWMS = 1
Notes:
(1) PWMEN bit can enable the PWM module.
(2) PWMSS bit is used to select the P3.7 used as I/O port or PWM output.
(3) EPWM in IEN1 register can enable the PWM Timer interrupt.
(4) The PWM timer is control by PWMEN bit. If this bit is set to 1, but the PWMSS bit is cleared to ‘0’, the PWM module used as
an 8-bit Timer, if the EPWM bit in IEN1 register is set to ‘1’, the interrupt also can be generated.
PWM clock t
PWM
01
02
03
04
7D
7E
7F
05
80
EF
F0
01
02
03
04
PWM output
(PWMS=0)
PWM output duty cycle = 7FH x t
PWM
PWM output
(PWMS=1)
PWM output period cycle = F0H x t
PWM
PWMP = F0H
PWMD = 7FH
PWM Output Example
PWM clock t
PWM
01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 01 02 03 04 05 06 07 08
Write PWMP = 0DH
Write PWMD = 07H
PWM output
(PWMS = 0)
Period cycle = 0FH x t
PWM
Duty cycle
= 06H x t
PWM
Period cycle = 0DH x t
PWM
Duty cycle
= 06H x t
PWM
Duty cycle
= 07H x t
PWM
PWM Output Period or Duty Cycle Changing Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com