Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F084BL/016LU Datasheet(PDF) 67 Page - SINOWEALTH Electronic Ltd

Part # SH79F084BL/016LU
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F084BL/016LU Datasheet(HTML) 67 Page - SINOWEALTH Electronic Ltd

Back Button SH79F084BL/016LU Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 64Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 65Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 66Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 67Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 71Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
SH79F084B
67
9.5 Watchdog Timer (WDT) and Reset State
9.5.1 Feature
 Auto detect Program Counter (PC) over range, and generate OVL Reset
 WDT runs even in the Power-Down mode
 Selectable different WDT overflow frequency
OVL Reset
To enhance the anti-noise ability, SH79F084B built in Program Counter (PC) over range detect circuit, if program counter value
is larger than flash romsize, or detect operation code equal to A5H which is not exist in 8051 instruction set, a OVL reset will be
generate to reset CPU, and set WDOF bit. So, to make use of this feature, you should fill unused flash rom with A5H.
Watchdog Timer
The watchdog timer is a down counter, and its clock source is an independent built-in RC oscillator, so it always runs even in the
Power-Down mode. The watchdog timer will generate a device reset when it overflows. It can be enabled or disabled
permanently by the code option.
The watchdog timer control bits (WDT.2-0) are used to select different overflow frequency. The watchdog timer overflow flag
(WDOF) will be automatically set to “1” by hardware when overflow happens. To prevent overflow happen, by reading or writing
the WDT register RSTSTAT, the watchdog timer should re-count before the overflow happens.There are also some reset flags
in this register as below:
9.5.2 Register
Table 9.12 Reset Control Register
B1H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
RSTSTAT
WDOF
-
PORF
LVRF
CLRF
WDT.2
WDT.1
WDT.0
R/W
R/W
-
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value (POR)
0
-
1
0
0
0
0
0
Reset Value (WDT)
1
-
u
u
u
0
0
0
Reset Value (LVR)
u
-
u
1
u
0
0
0
Reset Value (PIN)
u
-
u
u
1
0
0
0
Bit Number
Bit Mnemonic
Description
7
WDOF
Watch Dog Timer Overflow or OVL Reset Flag
Set by hardware when WDT overflow or OVL reset happened, cleared by software or
Power On Reset
0: Watch Dog not overflows and no OVL reset generated
1: Watch Dog overflow or OVL reset occurred
5
PORF
Power On Reset Flag
Set only by Power On Reset, cleared only by software
0: No Power On Reset
1: Power On Reset occurred
4
LVRF
Low Voltage Reset Flag
Set only by Low Voltage Reset, cleared by software or Power On Reset
0: No Low Voltage Reset occurs
1: Low Voltage Reset occurred
3
CLRF
Pin Reset Flag
Set only by pin reset, cleared by software or Power On Reset
0: No Pin Reset occurs
1: Pin Reset occurred
2-0
WDT[2:0]
WDT Overflow period control bit
000: Overflow period minimal value = 4096ms
001: Overflow period minimal value = 1024ms
010: Overflow period minimal value = 256ms
011: Overflow period minimal value = 128ms
100: Overflow period minimal value = 64ms
101: Overflow period minimal value = 16ms
110: Overflow period minimal value = 4ms
111: Overflow period minimal value = 1ms
Notes: If WDT_opt is enable in application, you must clear WatchDog periodically, and the
interval must be less than the value list above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com