Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F084BL/016LU Datasheet(PDF) 1 Page - SINOWEALTH Electronic Ltd

Part # SH79F084BL/016LU
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F084BL/016LU Datasheet(HTML) 1 Page - SINOWEALTH Electronic Ltd

  SH79F084BL/016LU Datasheet HTML 1Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F084BL/016LU Datasheet HTML 9Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
SH79F084B
Enhanced 8051 Microcontroller with 10bit ADC
1
V2.1
1.
Features
8bits micro-controller with Pipe-line structured 8051
compatible instruction set
Flash ROM: 8K Bytes
RAM: internal 256 Bytes, external 256 Bytes
EEPROM-like: 512 Bytes
Operation Voltage:
fOSC = 30kHz - 16.6MHz, VDD = 2.8V - 5.5V
Oscillator (code option)
- Crystal oscillator: 32.768kHz
- Crystal oscillator: 4MHz - 16.6MHz
- Ceramic oscillator: 2MHz -16.6MHz
- Internal RC: 16.6MHz (±2%)
- External clock: 30kHz - 16.6MHz
14 CMOS bi-directional I/O pins
5 high current drive ports
Three 16-bit timer/counters T0, T1and T2
Powerful interrupt sources:
- Timer0, 1, 2
- INT0, 1, 2
- ADC, EUART, SCM, PWM, LPD
One 8-bit PWM
EUART
Low voltage detect (LPD)
6 channels 10-bits Analog Digital Converter
(ADC), with comparator function built-in
Low Voltage Reset (LVR) function (enabled by
code option)
- LVR voltage level 1: 4.1V
- LVR voltage level 2: 3.7V
- LVR voltage level 3: 2.8V
CPU Machine cycle: 1 oscillator clock
Watch Dog Timer (WDT)
Warm-up Timer
System Clock Monitor (SCM)
Support Low power operation modes
- Idle Mode
- Power-Down Mode
Low power consumption
Flash Type
Package: SOP 16Pin
2.
General Description
The SH79F084B is a high performance 8051 compatible micro-controller, regard to its build-in Pipe-line instruction fetch
structure, that helps the SH79F084B can perform more fast operation speed and higher calculation performance, if compare
SH79F084B with standard 8051 at same clock speed.
The SH79F084B retains most features of the standard 8051. These features include internal 256 bytes RAM, UART and
INT0-2.In addition, the SH79F084B provides external 256 bytes RAM, It also contains 8K bytes Flash memory block both for
program and data. Also the ADC and PWM timer functions are incorporated in SH79F084B.
For high reliability and low cost issues, the SH79F084B builds in Watchdog Timer, Low Voltage Reset function. And
SH79F084B also supports two power saving modes to reduce power consumption.


Similar Part No. - SH79F084BL/016LU

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F0819M/028MU SINOWEALTH-SH79F0819M/028MU Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F0819X/028XU SINOWEALTH-SH79F0819X/028XU Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F081BM/028MU SINOWEALTH-SH79F081BM/028MU Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
More results

Similar Description - SH79F084BL/016LU

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH77P1651A SINOWEALTH-SH77P1651A Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F083B SINOWEALTH-SH79F083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F1612B SINOWEALTH-SH79F1612B Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F1619 SINOWEALTH-SH79F1619 Datasheet
1Mb / 99P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F1621 SINOWEALTH-SH79F1621 Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79F166A SINOWEALTH-SH79F166A Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79M083B SINOWEALTH-SH79M083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79M1612B SINOWEALTH-SH79M1612B Datasheet
1Mb / 96P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com