Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA75610S-QLX Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA75610S-QLX
Description  4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610S-QLX Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA75610S-QLX Datasheet HTML 5Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 6Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 7Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 8Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 9Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 10Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 11Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 12Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
DocID025599 Rev 6
9/42
TDA75610SLV
Pin description
41
Table 2. Pin list description
Pin #
(PowerSo36)
Pin #
(Flexiwatt27)
Pin name
Function
11
TAB
-
2
22
OUT4+
Channel 4, + output
323
CK
I2C bus clock/HE selector
4
25
PWGND4
Channel 4 output power ground
5
-
NC
Not connected
6
-
VCC4
Supply voltage pin4
726
DATA
I2C bus data pin/gain selector
8
24
OUT4-
Channel 4, - output
9
27
ADSEL
Address selector pin/ I2C bus disable (legacy select)
10
4
OUT2-
Channel 2, - output
11
2
STBY
Standby pin
12
21
VCC2
Supply voltage pin2
13
3
PWGND2
Channel 2 output power ground
14
-
NC
Not connected
15
-
NC
Not connected
16
5
CD
Clip detector output pin
17
6
OUT2+
Channel 2, + output
18
-
NC
Not connected
19
8
OUT1-
Channel 1, - output
20
7
VCC1
Supply voltage pin1
21
9
PWGND1
Channel 1 output power ground
22
10
OUT1+
Channel 1, + output
23
-
NC
Not connected
24
11
SVR
SVR pin
25
12
IN1
Input pin, channel 1
26
-
NC
Not connected
27
13
IN2
Input pin, channel 2
28
-
NC
Not connected
29
14
SGND
Signal ground pin
30
15
IN4
Input pin, channel 4
31
16
IN3
Input pin, channel 3
32
17
AC GND
AC ground
33
18
OUT3+
Channel 3, + output
34
19
PWGND3
Channel 3 output power ground
35
-
VCC3
Supply voltage pin3
36
20
OUT3-
Channel 3, - output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com