Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA75610S-QLX Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA75610S-QLX
Description  4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610S-QLX Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA75610S-QLX Datasheet HTML 10Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 11Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 12Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 13Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 14Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 15Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 16Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 17Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Electrical specifications
TDA75610SLV
14/42
DocID025599 Rev 6
VO
Offset detection
Power amplifier in play,
AC input signals = 0
±1.5
±2
±2.5
V
INLH
Normal load current detection
VO < (VS-5)pk, IB2 (D7) = 0
500
-
-
mA
IOLH
Open load current detection
-
-
250
mA
INLL
Normal load current detection
VO < (VS-5)pk, IB2 (D7) = 1
250
-
-
mA
IOLL
Open load current detection
-
-
125
mA
I2C bus interface
SCL
Clock frequency
-
-
-
400
kHz
VIL
Input low voltage
-
-
-
1.5
V
VIH
Input high voltage
-
2.3
-
-
V
1. When VS > 16 V the output current limit is reached (triggering embedded internal protections).
2. In legacy mode only low threshold option is available.
3. Saturated square wave output.
4. Voltage ramp on STBY pin:
from 3.3 V to 4.2 V in t ≥ 40 ms.
In case of I2C mode command IB1(D1) = 1 (Mute → Unmute rear channels) and/or IB1(D2) = 1 (Mute → Unmute front
channels) must be transmitted before to start the voltage ramp on STBY pin.
5. Voltage ramp on STBY pin:
from 4.05 V to 3.55 V in t ≥ 40 ms.
In case of I2C mode command IB1(D1) = 0 Unmute → Mute rear channels) and/or IB1(D2) = 0 (Unmute → Mute front
channels) must be NOT transmitted before to start the voltage ramp on STBY pin.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com