Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA75610S-QLX Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA75610S-QLX
Description  4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610S-QLX Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA75610S-QLX Datasheet HTML 29Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 30Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 31Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 32Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 33Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 34Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 35Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 36Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
DocID025599 Rev 6
33/42
TDA75610SLV
Software specifications
41
D1
Channel LF (CH1)
No short to Vcc (D1 = 0)
Short to Vcc (D1 = 1)
-
D0
Channel LF (CH1)
No short to GND (D1 = 0)
Short to GND (D1 = 1)
-
Table 9. DB1 (continued)
Bit
Instruction decoding bit
Table 10. DB2
Bit
Instruction decoding bit
D7
Offset detection not activated (D7 = 0)
Offset detection activated (D7 = 1)
-
D6
X
-
D5
Channel LR (CH2)
Current detection IB2 (D7) = 0
Output peak current < 250 mA - Open load (D5 = 1)
Output peak current > 500 mA - Normal load (D5 = 0)
Channel LR (CH2)
Current detection IB2 (D7) = 1
Output peak current < 125 mA - Open load (D5 = 1)
Output peak current > 250 mA - Normal load (D5 = 0)
D4
Channel LR (CH2)
Turn-on diagnostic (D4 = 0)
Permanent diagnostic (D4 = 1)
-
D3
Channel LR (CH2)
Normal load (D3 = 0)
Short load (D3 = 1)
-
D2
Channel LR (CH2)
Turn-on diag.: No open load (D2 = 0)
Open load detection (D2 = 1)
Permanent diag.: No output offset (D2 = 0)
Output offset detection (D2 = 1)
-
D1
Channel LR (CH2)
No short to Vcc (D1 = 0)
Short to Vcc (D1 = 1)
-
D0
Channel LR (CH2)
No short to GND (D1 = 0)
Short to GND (D1 = 1)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com