Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7803A-ZST Datasheet(PDF) 49 Page - STMicroelectronics

Part # TDA7803A-ZST
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A-ZST Datasheet(HTML) 49 Page - STMicroelectronics

Back Button TDA7803A-ZST Datasheet HTML 45Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 46Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 47Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 48Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 49Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 50Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 51Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 52Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
DS12195 Rev 7
49/72
TDA7803A
I2C registers
71
10.1.4
IB3 - Subaddress "I0000011h" - default = "00000000"
Note:
Byte IB3 settings can be changed only if the amplifier is in ECO mode state, otherwise the
command is ignored.
Table 19. IB3 - Subaddress "I0000011h" - default = "00000000"
Bit
Instruction decoding bit
D7-D6
Sample frequency range (Word select frequency)
D7
D6
Sample frequency
0
0
44.1 kHz
0
1
48 kHz(1)
1
0
96 kHz
1
1
192 kHz
1.
Configurations IB3 [D7, D6] =00 and 01 are the same from a signal processing point of view. The distinction is
needed in order to handle functions timings and duration.
D5
D4
D3
Digital Input Format
D5
D4
D3
0
0
0
I2S standard
0
0
1
TDM – 4ch
0
1
0
TDM – 8ch (SD2_4 input, device 1)
0
1
1
TDM – 8ch (SD2_4 input device 2)
1
0
0
TDM – 16ch (8 + 8) (SD2_4 input - device 1)
1
0
1
TDM – 16ch (8 + 8) (SD2_4 input - device 2)
1
1
0
TDM – 16ch (8 + 8) (SD1_3 input - device 3)
1
1
1
TDM – 16ch (8 + 8) (SD1_3 input - device 4)
D2
Noise Gating Function enable/disable
0: enable
1: disable
D1
Input offset detection
0: disable
1: enable
D0
Digital High pass filter enable/disable
0: disable
1: enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com