Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7803A-ZST Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7803A-ZST
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A-ZST Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7803A-ZST Datasheet HTML 25Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 26Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 27Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 28Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 29Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 30Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 31Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 32Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
DS12195 Rev 7
29/72
TDA7803A
Functional description
71
When the amplifier is biased and the IB4 D0 = "1", the permanent diagnostic is enabled. The
turn-on diagnostic state is held until an over current event is triggered. When this happens,
a new diagnostic cycle can start.
6.3
Permanent diagnostic
The detectable faults are (see Table 5 for definitions):
Short to GND
Short to Vs
Short across the speaker
Then the following additional features are also provided:
Input offset detection
AC diagnostic
When an over current event occurs, TDA7803A has two different cycles that could react
with:
Restart cycle: it is a 2 ms pulse. During this period a check of the output is performed.
Plateau cycle: it is an 80 ms cycle. During this period a check of the outputs is
performed and the results of diagnostic analysis are written into the I2C bus.
TDA7803A has two different operating behaviors when an over current event is detected:
Restart mode, (IB4 D0 = "0"). The diagnostic is not enabled. Each audio channel
operates independently from each other. If any of the above mentioned faults occurs,
only the channel(s) where the fault happened is shut down. The diagnostic performs
restart cycles every 2 ms until the fault condition is present. The amplifier restarts in
play only once the overload is removed. In Restart mode reporting diagnostic results
are turned off and the corresponding bits in the channels’ data byte registers will be
reset accordingly.
Diagnostic mode, (IB4 D0 = "1"). It is enabled via I2C and self activated if an output
overload occurs to the speaker outputs. If any of the above mentioned faults occurs,
Ihigh
Test current for the short
load pulse
-
200
40
-mA
For speaker mode
For line driver mode
Ilow
Test current for the open
load pulse
-
40
2
-
mA
For speaker mode
For line driver mode
1. For typical loudspeaker of 2 and 4 ohm.
2. These numbers are evaluated in simulation.
3. Typical values for 4 Ω and 2 Ω and zero offset. These numbers depend on the loudspeaker and also on the
intrinsic offset of the amplifier. For 2 Ω loudspeaker, -30 mV offset and Fs = 48 kHz TRU = 21.2 ms; for 4 Ω
and same surrounding conditions TRU = 22.1 ms. Under these conditions TPL = 122.4 ms for 2 Ω and 124.4
for 4 Ω. For higher values the number are not reported here.
Table 6. Start-up pulse typical timings (Fs = 48 kHz) (continued)
Symbol
Parameter
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com