Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7803A-ZST Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7803A-ZST
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A-ZST Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7803A-ZST Datasheet HTML 14Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 15Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 16Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 17Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 18Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 19Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 20Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 21Page - STMicroelectronics TDA7803A-ZST Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
Electrical specification
TDA7803A
18/72
DS12195 Rev 7
Figure 7. Output power vs. supply voltage
(2 Ω, STD mode)
Figure 8. Distortion vs. output power
(4 Ω, STD mode)
5
15
25
35
45
55
65
75
85
95
105
6
7
8
9
10
11
12
13
14
15
16
Vs (V)
Po (W)
RL = 2
f= 1 kHz
THD = 1%
THD = 10%
Po-max
GADG3005161528PS
Po (W)
0.001
0.01
0.1
1
10
0.1
1
10
THD (% )
Vs = 14.4 V
RL = 4
f = 1 kHz
f = 10 kHz
GADG3009161544PS
Figure 9. Distortion vs. output power
(4 Ω, SBI mode)
Figure 10. Distortion vs. output power
(2 Ω, STD mode)
Po (W)
0.001
0.01
0.1
1
10
0.1
1
10
THD (%)
Vs = 14.4 V
RL = 4
f = 1 kHz
f = 10 kHz
GADG3105160725PS
0.001
0.01
0.1
1
10
0.1
1
10
Po (W)
THD (%)
Vs = 14.4 V
RL = 2
f = 1 kHz
f = 10 kHz
GADG3105160755PS
Figure 11. Distortion vs. output power
(2 Ω, SBI mode)
Figure 12. Distortion vs. frequency (4 Ω)
GADG3105160829PS
0.001
0.01
0.1
1
10
0.1
1
10
Po (W)
THD (%)
Vs = 14.4 V
RL = 2
f = 1 kHz
f = 10 kHz
GADG3105160847PS
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
Vs = 14.4 V
RL = 4
Po = 4 W
THD (%)
f (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com