Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9788TR Datasheet(PDF) 69 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 65Page - STMicroelectronics L9788TR Datasheet HTML 66Page - STMicroelectronics L9788TR Datasheet HTML 67Page - STMicroelectronics L9788TR Datasheet HTML 68Page - STMicroelectronics L9788TR Datasheet HTML 69Page - STMicroelectronics L9788TR Datasheet HTML 70Page - STMicroelectronics L9788TR Datasheet HTML 71Page - STMicroelectronics L9788TR Datasheet HTML 72Page - STMicroelectronics L9788TR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 264 page
background image
DS12308 Rev 4
69/264
L9788
Multi-voltage regulator supplies
263
Conditions:
5.5 V< VB_IN_SW < 18 V, Tj -40 to 175 °C unless otherwise specified.
Table 29. Pre-buck regulator output electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VPREdc
VPRE regulated
voltage (including
aging and static
line/load regulation)
VB_IN_SW = 7 V to
18 V, Ivpre = 50 mA
~1.6 A, C = 20 µF,
L = 22 µH
5.82
(-3%)
6
6.18
(+3%)
V
VPRE
Vdrift_VPRE
Total VPRE voltage
aging drift
-
-0.8
-
0.8
%
VPRE
Vline_VPRE
Line regulation
voltage
7 V < VB_IN_SW < 18V
Ivpre = 50 mA, 1600 mA
C=20 µF,
L = 22 µH, T = 27 °C,
175 °C
-25
-
25
mV
VPRE
Vline_VPRE
Line regulation
voltage
7 V < VB_IN_SW < 18V
Ivpre = 50 mA,
1600 mA C=20 µF,
L = 22 µH,T = -40 °C
-25
-
25
mV
VPRE
Vline_VPRE
Line regulation
voltage
7 V < VB_IN_SW < 18V
Ivpre = 50 mA,
1600 mA C=20 µF,
L = 22 µH,T = -40 °C
-60
-
60
mV
VPRE
Vload_VPRE
Load regulation
voltage
VB_IN_SW = 7 V, 18V,
50 mA<Ivpre<1600 mA,
C = 20 µF, L = 22 µH,
T = 27 °C, 175 °C
-25
-
25
mV
VPRE
Vload_VPRE
Load regulation
voltage
VB_IN_SW = 7 V, 18 V,
50mA<Ivpre<1600 mA,
C = 20 µF,
L = 22 µH, T= -40 °C
-25
-
25
mV
VPRE
Vload_VPRE
Load regulation
voltage
VB_IN_SW = 7 V, 18 V,
50 mA<Ivpre<1600 mA,
C = 20 µF,
L = 22 µH, T=-40°
-60
-
60
mV
VPRE
Vline_VPRE_tr
Transient line
regulation accuracy
VB_IN_SW step 12 V to
18 V; 18 V to 12 V,
dVB_IN_SW/dt = 3 V/µs,
Ivpre = 50 mA,1.3 A,
C = 20 µF, L = 22 µH,
Guaranteed by design(1)
-8
VPRE
8
%
VPRE
Vload_VPRE_tr
Transient Load
regulation accuracy
VB_IN_SW = 13 V,
Ivpre = 50 mA to 1.3 A
dI/dt = 500 mA/µs,
C = 20 µF, L = 22 µH,
Guaranteed by design(1)
-8
VPRE
8
%
VPRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com