Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9788TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 11Page - STMicroelectronics L9788TR Datasheet HTML 12Page - STMicroelectronics L9788TR Datasheet HTML 13Page - STMicroelectronics L9788TR Datasheet HTML 14Page - STMicroelectronics L9788TR Datasheet HTML 15Page - STMicroelectronics L9788TR Datasheet HTML 16Page - STMicroelectronics L9788TR Datasheet HTML 17Page - STMicroelectronics L9788TR Datasheet HTML 18Page - STMicroelectronics L9788TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 264 page
background image
DS12308 Rev 4
15/264
L9788
Block diagram and pin description
263
1
Block diagram and pin description
1.1
Block diagram
Figure 1. Block diagram
MOSFET
Pre
Driver
Ignition
Pre
driver
MRD
LSD
LSD
LSD
MSC
Micro Second Channel
6
CAN FD
LIN
Watchdog
WDA
VRS
Wake Up
Key Off Timer
SEO
WK_IN
ENABLE
Regulator
Regulator Monitor
Dual
Bandgap
Dual
Oscillator
Internal
Regulator
Boost Regulator
Driver
Buck Regulator
Charge Pump
VPRE
Regulator
Logic
Supply
Power Output
Pre Driver
Interface
2
4
6
4
2
6
5
5
5
3
3
4
CP
RESET
RSTN
BIST
GADG2411160929PS
VSENSE3
VSENSE2
VSENSE1
AD_TEST
VSENSE4_MON
KEY_IN
SEO_OUT
VB_STDBY
FLW_IN_N
FLW_OUT
FLW_IN_P
RSTC
VDD_IO
MSC_EN, MSC_DO
MSC_DI_P,N
MSC_CK_P,N
GND_CAN
VB_CAN
VDD_CAN
CAN_L
CAN_H
CAN_RX
CAN_TX
LIN_RX
LIN_TX
ISO11898-2
LIN/K-Line
Q & A
WD_RST
2 x 6A
2 x 70mA
LSD (LED)
6 x 2.2A
6 x
5 x
5 x
HSD/LSD
0.6A
3 x
3 Pins TestMode
(PowerGND)
GND1
PDR_GND
PRDN1,2,3,4,5_DRN
PRDN1,2,3,4,5_Gate
MRD
STR1,2,3_SRC
STR1,2,3_DRN
EN_N
EN_P
IGN1,2,3,4,5,6
INJ_ENA
CURR_Sense_O2H1,2
O2HxPGND
O2HxxA,O2HxxB
SOL1..2
INJ1..4
INJx_PGND
SOL12_PGND
LED1/2
5 x 0.6A
VDD5_IN
VDD5_Gate
VDD5
RLY1..5
WD_RST
VDD5_UV
Vcore_UV
3 x Tracking
1 x ext Tracking
BUCK_C_BST
VB_IN
BUCK_SW
VB_IN_SW
CP
BOOST_G
VBAT_Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com