Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9788TR Datasheet(PDF) 75 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 71Page - STMicroelectronics L9788TR Datasheet HTML 72Page - STMicroelectronics L9788TR Datasheet HTML 73Page - STMicroelectronics L9788TR Datasheet HTML 74Page - STMicroelectronics L9788TR Datasheet HTML 75Page - STMicroelectronics L9788TR Datasheet HTML 76Page - STMicroelectronics L9788TR Datasheet HTML 77Page - STMicroelectronics L9788TR Datasheet HTML 78Page - STMicroelectronics L9788TR Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 264 page
background image
DS12308 Rev 4
75/264
L9788
Multi-voltage regulator supplies
263
6.5
VDD5 linear regulator with external MOSFET
VDD5 voltage is generated by a linear controller with internal pre-driver and external MOS
FET.
Electrical characteristics are available in Table 34 and Table 35. VB_IN_OV fault can trigger
the turn OFF of VDD5 regulator, as specified into reset matrix. This effect can be masked
with bit VB_IN_OV_RST_EN in CONFIG_REG 12.
VB_IN_UV fault triggers the turn OFF of VDD5 regulator, as specified into reset matrix. This
effect can be masked with bit VDD5_OFF_SEL in CONFIG_REG 11.
VDD5_OV fault has effects into the device specified into reset matrix. These effects can be
masked with bit VDD5_OV_RST_EN in CONFIG_REG 12.
Conditions:
5.5 V< VB_IN_SW ≤ 18 V, 5.5 V < VB_IN ≤ 18 V, Tj -40 to 175°C unless otherwise specified.
Table 34. VDD5 linear controller pre-driver electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VVDD5
5 V regulated
voltage including
static load / line
regulation
Iload = 10 mA, 1 A
4.9
5
5.1
V
VDD5_IN
SRp-up_VDD5
Output voltage
slew rate at
power-up
Cvdd5 = 10 µF; from
VDD5*10% to VDD5*90%
2
-
25
V/ms
VDD5_IN
IVDD5
Controller
stability over
VDD5 output
current range
-
1
-
-
A
VDD5_IN
Vline_VDD5
Line regulation
voltage
5.6 V < VPre < 18 V Iload
10mA, 1A Cvdd5 = 10 µF (1)
-25
-
25
mV
VDD5_IN
Vload_VDD5
Load regulation
voltage
VPre 5.6 V, 18 V 10 mA <
Iload < 1 A Cvdd5 = 10 µF (1)
-25
-
25
mV
VDD5_IN
Vline_VDD5_tran
Line transient
regulation
voltage
Vpre from 5.6 V to 7 V by 1 µs
Iload = 10 mA, 800 mA
Cvdd5 =10µF Ext MOS
STD20NF06L Guaranteed by
design (1)
-
-
300
mV
VDD5_IN
Vload_VDD5_tran
Load transient
regulation
voltage
VPre = 6 V Iload from 10 mA
to 800 mA by 1.5us
Cvdd5=10µF Ext MOS
STD20NF06L Guaranteed by
design (1)
-
-
280
mV
VDD5_IN
Vdrift_Vdd5
Total VDD5
voltage aging drift
-
-0.8
-
0.8
%
VDD5_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com