Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9788TR Datasheet(PDF) 102 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 102 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 98Page - STMicroelectronics L9788TR Datasheet HTML 99Page - STMicroelectronics L9788TR Datasheet HTML 100Page - STMicroelectronics L9788TR Datasheet HTML 101Page - STMicroelectronics L9788TR Datasheet HTML 102Page - STMicroelectronics L9788TR Datasheet HTML 103Page - STMicroelectronics L9788TR Datasheet HTML 104Page - STMicroelectronics L9788TR Datasheet HTML 105Page - STMicroelectronics L9788TR Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 264 page
background image
Low-side drivers
L9788
102/264
DS12308 Rev 4
T_SD_LOW
Temperature shut
down recover
-
175
-
190
°C
RLY/1/2/3/4/5
T_SD_hys
Temperature shut
down hysteresis
-
5
-
10
°C
RLY/1/2/3/4/5
-
Thermal shutdown
analog filter time
Guaranteed by design
1.5
4
µs
RLY/1/2/3/4/5
t_SD_deglitch
Digital deglitch filter
time on Temperature
shut down detection
Guaranteed by scan
-
10
-
µs
RLY/1/2/3/4/5
Driver reliability data
EnergyRep RLY
Energy repetitive
pulses
Tcase = 25 °C;
I_OT_n = 0.45 A
1.1 Miopulses
-
-
9
mJ
RLY/1/2/3/4/5
EnergyRep RLY
Energy repetitive
pulses
Tcase = 115 °C;
I_OT_n = 0.3 A
40 Miopulses
-
-
6.5
mJ
RLY/1/2/3/4/5
EnergyRep RLY
Energy repetitive
pulses
Tcase = 130 °C;
I_OT_n = 0.3 A
9 Miopulses
-
-
6.5
mJ
RLY/1/2/3/4/5
EnergyRep RLY
Energy repetitive
pulses
Tcase = 140 °C;
I_OT_n = 0.3 A
1 Miopulses
-
-
6.5
mJ
RLY/1/2/3/4/5
Driver reliability data generator defect
EnergyRep RLY
Energy repetitive
pulses
Tcase = 25 °C;
I_OT_n = 0.5 A
0.02 Miopulses
-
-
11
mJ
RLY/1/2/3/4/5
EnergyRep RLY
Energy repetitive
pulses
Tc=135°C;
I_OT_n = 0.35 A
0.02 Miopulses
-
-
8
mJ
RLY/1/2/3/4/5
Driver reliability data JUMP START
EnergyRep RLY
Energy repetitive
pulses
Tcase = 25 °C;
I_OT_n = 0.75 A
0.001 Miopulses,
10 jumps starts over
lifetime,
each start < 2 min
-
-
25
mJ
RLY/1/2/3/4/5
EnergyRep RLY
Energy repetitive
pulses
Tc=75°C ; I_OT_n=0.5A
0.001Miopulses,
10 jumps starts over
lifetime,
each start < 2 min
-
-
17
mJ
RLY/1/2/3/4/5
Table 48. Low-side driver - RELAY electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com