Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSV16XTR Datasheet(PDF) 51 Page - STMicroelectronics

Part # LSM6DSV16XTR
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16XTR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button LSM6DSV16XTR Datasheet HTML 47Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 48Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 49Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 50Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 51Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 52Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 53Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 54Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 196 page
background image
Name
Type
Register address
Default
Comment
Hex
Binary
OUTY_H_G
R
25
00100101
output
OUTZ_L_G
R
26
00100110
output
OUTZ_H_G
R
27
00100111
output
OUTX_L_A
R
28
00101000
output
OUTX_H_A
R
29
00101001
output
OUTY_L_A
R
2A
00101010
output
OUTY_H_A
R
2B
00101011
output
OUTZ_L_A
R
2C
00101100
output
OUTZ_H_A
R
2D
00101101
output
UI_OUTX_L_G_OIS_EIS
R
2E
00101110
output
UI_OUTX_H_G_OIS_EIS
R
2F
00101111
output
UI_OUTY_L_G_OIS_EIS
R
30
00110000
output
UI_OUTY_H_G_OIS_EIS
R
31
00110001
output
UI_OUTZ_L_G_OIS_EIS
R
32
00110010
output
UI_OUTZ_H_G_OIS_EIS
R
33
00110011
output
UI_OUTX_L_A_OIS_DualC
R
34
00110100
output
UI_OUTX_H_A_OIS_DualC
R
35
00110101
output
UI_OUTY_L_A_OIS_DualC
R
36
00110110
output
UI_OUTY_H_A_OIS_DualC
R
37
00110111
output
UI_OUTZ_L_A_OIS_DualC
R
38
00111000
output
UI_OUTZ_H_A_OIS_DualC
R
39
00111001
output
AH_QVAR_OUT_L
R
3A
00111010
output
AH_QVAR_OUT_H
R
3B
00111011
output
RESERVED
-
3C-3F
TIMESTAMP0
R
40
01000000
output
R (SPI2)
TIMESTAMP1
R
41
01000001
output
R (SPI2)
TIMESTAMP2
R
42
01000010
output
R (SPI2)
TIMESTAMP3
R
43
01000011
output
R (SPI2)
UI_STATUS_REG_OIS
R
44
01000100
output
WAKE_UP_SRC
R
45
01000101
output
TAP_SRC
R
46
01000110
output
D6D_SRC
R
47
01000111
output
STATUS_MASTER_
MAINPAGE
R
48
01001000
output
EMB_FUNC_STATUS_
MAINPAGE
R
49
01001001
output
FSM_STATUS_MAINPAGE
R
4A
01001010
output
MLC_STATUS_MAINPAGE
R
4B
01001011
output
RESERVED
-
4C-4E
INTERNAL_FREQ_FINE
R
4F
01001111
output
FUNCTIONS_ENABLE
RW
50
01010000
00000000
LSM6DSV16X
Register mapping
DS13510 - Rev 1
page 51/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com