Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSV16XTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # LSM6DSV16XTR
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16XTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LSM6DSV16XTR Datasheet HTML 31Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 32Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 33Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 34Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 35Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 36Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 37Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 38Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 196 page
background image
The accelerometer filtering chain when mode 3 is enabled is illustrated in the following figure.
Figure 21. Accelerometer chain with mode 3 enabled
Digital
LP Filter
LPF_OIS
LPF_XL_OIS_BW_[2:0]
ADC
Aux_SPI
ODR XL
@7.68 kHz
UI chain
SPI /
I2C /
MIPI I3C
ODR XL
@7.68 kHz
®
Note:
The accelerometer OIS chain is enabled by setting the OIS_XL_EN bit to 1 in the UI_CTRL1_OIS (70h) /
SPI2_CTRL1_OIS (70h) register.
The configuration of the accelerometer UI chain is not affected by enabling/disabling the accelerometer OIS
chain, with one exception: accelerometer normal operating mode (OP_MODE_XL_[2:0] = 111 in the CTRL1
(10h) register) cannot be used when the accelerometer OIS chain is enabled.
Accelerometer output values are available in the following registers with ODR at 7.68 kHz:
•
UI_OUTX_L_A_OIS_DualC (34h) and UI_OUTX_H_A_OIS_DualC (35h) through
UI_OUTZ_L_A_OIS_DualC (38h) and UI_OUTZ_H_A_OIS_DualC (39h)
•
SPI2_OUTX_L_A_OIS (28h) and SPI2_OUTX_H_A_OIS (29h) through SPI2_OUTZ_L_A_OIS (2Ch) and
SPI2_OUTZ_H_A_OIS (2Dh)
LSM6DSV16X
Block diagram of filters
DS13510 - Rev 1
page 35/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com