Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSV16XTR Datasheet(PDF) 90 Page - STMicroelectronics

Part # LSM6DSV16XTR
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16XTR Datasheet(HTML) 90 Page - STMicroelectronics

Back Button LSM6DSV16XTR Datasheet HTML 86Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 87Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 88Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 89Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 90Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 91Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 92Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 93Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 196 page
background image
9.53
DEN (51h)
DEN configuration register (R/W)
Table 146. DEN register
0(1)
LVL1_EN
LVL2_EN
DEN_XL_EN
DEN_X
DEN_Y
DEN_Z
DEN_XL_G
1. This bit must be set to 0 for the correct operation of the device.
Table 147. DEN register description
LVL1_EN
Enables DEN data level-sensitive trigger. Refer to Table 148.
LVL2_EN
Enables DEN level-sensitive latched. Refer to Table 148.
DEN_XL_EN
Extends DEN functionality to accelerometer sensor. Default value: 0
(0: disabled; 1: enabled)
DEN_X
DEN value stored in LSB of X-axis. Default value: 1
(0: DEN not stored in X-axis LSB; 1: DEN stored in X-axis LSB)
DEN_Y
DEN value stored in LSB of Y-axis. Default value: 1
(0: DEN not stored in Y-axis LSB; 1: DEN stored in Y-axis LSB)
DEN_Z
DEN value stored in LSB of Z-axis. Default value: 1
(0: DEN not stored in Z-axis LSB; 1: DEN stored in Z-axis LSB)
DEN_XL_G
DEN stamping sensor selection. Default value: 0
(0: DEN pin info stamped in the gyroscope axis selected by bits DEN_X, DEN_Y, DEN_Z;
1: DEN pin info stamped in the accelerometer axis selected by bits DEN_X, DEN_Y, DEN_Z)
Table 148. Trigger mode selection
LVL1_EN, LVL2_EN
Trigger mode
10
Level-sensitive trigger mode is selected
11
Level-sensitive latched mode is selected
LSM6DSV16X
DEN (51h)
DS13510 - Rev 1
page 90/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com