| Electronic Components Datasheet Search |
|
TC3567CFSG Datasheet(PDF) 10 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC3567CFSG Datasheet(HTML) 10 Page - Toshiba Semiconductor |
|
10 / 49 page ![]() TC3567CFSG-002 2018-04-06 10 2.3. GPIO function list GPIO pins can be assigned to UART I/Fs, serial memory I/Fs and etc. by TC3567C firmware or command from external Hosts. Table 2-2 shows available functions, during reset status and software controlling after reset release for each GPIO pin, and Table 2-3 shows examples of GPIO function settings. About what function name shown in Table 2-2 is assigned to a plurality of pins in the same, please note that it cannot be assigned to select a plurality of pins at the same time. Table 2-2 Available functions for GPIO Pin During reset status After reset release Function 1 Function 2 Function 3 Function 4 Analog input Pin state at unused GPIO0 Disable/ Hi-Z Disable/ Disconnection: Pull-up, Pull-down WakeUp0 Input — — — — Open GPIO1 Disable/ Pull-up Input/ Pull-up (Note2) PWM0 Output — — — — Open (Note1) GPIO2 Disable/ Pull-up Input/ Pull-up (Note2) PWM1 Output — — — — Open (Note1) GPIO3 Disable/ Hi-Z Disable/ Disconnection: Pull-up, Pull-down PWM2 Output SPI-DOUT Output — — ADC1 Input Open GPIO4 Disable/ Hi-Z Disable/ Disconnection: Pull-up, Pull-down PWM3 Output SPI-DIN Input — — ADC2 Input Open GPIO5 Disable/ Pull-up Input/ Pull-up (Note3) UART1-TX Output SPI-DOUT Output — — — Open GPIO6 Disable/ Pull-up Input/ Pull-up (Note3) UART1-RX Input SPI-DIN Input — — — Open GPIO7 Disable/ Pull-up Input/ Pull-up I2C-SCL Output — SPI-SCS Output UART1-RTSX Output — Open GPIO8 Disable/ Pull-up Input/ Pull-up I2C-SDA I/O — SPI-SCLK Output UART1-CTSX Input — Open GPIO9 Disable/ Hi-Z Disable/ Disconnection: Pull-up, Pull-down — — — — ADC3 Input Open GPIO10 Disable/ Hi-Z Disable/ Disconnection: Pull-up, Pull-down — — — — ADC4 Input Open GPIO11 Disable/ Pull-up Input/ Pull-up I2C-SCL Output SPI-DOUT Output — — — Open GPIO12 Disable/ Pull-up Input/ Pull-up I2C-SDA I/O SPI-DIN Input — — — Open GPIO13 Disable/ Pull-up Input/ Pull-up UART1-RTSX Output — — — — Open GPIO14 Disable/ Hi-Z Disable/ Disconnection: Pull-up, Pull-down UART1-CTSX Input — — — ADC5 Input Open GPIO15 Disable/ Hi-Z Disable/ Disconnection: Pull-up, Pull-down WakeUp1 Input — — — — Open GPIO25 Disable/ Pull-up Input/ Pull-up — — — — — Open Note1: Handle with care because of using operation mode switching. Note2: Except in User-App mode, it becomes Pull-down. Note3: In the HCI mode, the pull-up / pull-down resistor is disconnected. Note: About the GPIO pin state, the state in case of using in the user application mode is shown. When it is turned on in HCI mode, a part of the state becomes different. Therefore, for detail states of each pin, refer to the software application note. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |