Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2ST15300RSRHRTW Datasheet(PDF) 7 Page - STMicroelectronics

Part # 2ST15300RSRHRTW
Description  Rad-Hard 300 V, 5 A NPN bipolar transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2ST15300RSRHRTW Datasheet(HTML) 7 Page - STMicroelectronics

  2ST15300RSRHRTW Datasheet HTML 1Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 2Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 3Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 4Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 5Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 6Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 7Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 8Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
6
Other information
Table 7. Traceability and documentation
Screening type
Date code(1)
Radiation level
Documentation
Engineering model
3yywwN
-
Certificate of conformance
Flight model
yywwN
100 krad
Certificate of conformance
ESCC qualification maintenance
lot reference
Radiation verification test (RVT)
report at 25 / 50 / 70 / 100 krad
at 0.1 rad / s.
1. yy = year, ww = week number, N = lot index in the week.
2ST15300
Other information
DS13014 - Rev 6
page 7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com