Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2ST15300RSRHRTW Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2ST15300RSRHRTW
Description  Rad-Hard 300 V, 5 A NPN bipolar transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2ST15300RSRHRTW Datasheet(HTML) 1 Page - STMicroelectronics

  2ST15300RSRHRTW Datasheet HTML 1Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 2Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 3Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 4Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 5Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 6Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 7Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 8Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
VCBO
IC(max.)
HFE at 0.6 V,
250 mA
Tj(max.)
300 V
5 A
> 55
200 °C
100 krad
Linear gain characteristics
Inductive load ruggedness
Description
The 2ST15300 is a power bipolar transistor able to operate under severe
environment conditions and radiation exposure. It offers high reliability performance
and immunity to the total ionizing dose (TID) up to 100 krad.
Qualified as per 5201/020 ESCC specification and available in SMD.5 hermetic
package, it is specifically recommended for space and harsh environment
applications and suitable for satellite electrical propulsion, inductive load switches
and linear amplifiers.
In case of discrepancies between this datasheet and the relevant agency
specification, the latter takes precedence.
SMD.5
3
2
1
E
DS10450
C
B
(3)
(1)
(2)
Product status link
2ST15300
Rad-Hard 300 V, 5 A NPN bipolar transistor
2ST15300
Datasheet
DS13014 - Rev 6 - October 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - 2ST15300RSRHRTW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2ST1480 STMICROELECTRONICS-2ST1480 Datasheet
168Kb / 7P
Complementary power transistors
09-Oct-2009
2ST1480FP STMICROELECTRONICS-2ST1480FP Datasheet
142Kb / 7P
High current gain characteristic
03-Dec-2009
More results

Similar Description - 2ST15300RSRHRTW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5154HR STMICROELECTRONICS-2N5154HR Datasheet
556Kb / 10P
Hi-Rel NPN bipolar transistor 80 V - 5 A
12-Sep-2012
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
Rad-hard precision bipolar single operational amplifier
27-Jul-2011
STTH60200CHR STMICROELECTRONICS-STTH60200CHR Datasheet
217Kb / 12P
Rad-Hard 60 A - 200 V fast recovery rectifier
12-May-2020
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
STTH40200CHR STMICROELECTRONICS-STTH40200CHR Datasheet
1Mb / 12P
Rad-Hard 40 A - 200 V fast recovery rectifier
16-Dec-2020
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
Rad-hard 60 V, 0.6 A PNP transistor
10-Feb-2022
2N3810HR STMICROELECTRONICS-2N3810HR Datasheet
359Kb / 14P
Rad-Hard 60 V, 0.05 A PNP dual matched transistor
08-Sep-2020
logo
Microsemi Corporation
MSR2N2369AUB MICROSEMI-MSR2N2369AUB Datasheet
517Kb / 7P
Rad Hard NPN Silicon High Speed Switching Transistor
Rev. 1
logo
STMicroelectronics
JANS2ST3360K STMICROELECTRONICS-JANS2ST3360K Datasheet
272Kb / 12P
Rad-Hard 60 V, 0.8 A NPN and PNP complementary transistors
09-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com