Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2ST15300RSRHRTW Datasheet(PDF) 4 Page - STMicroelectronics

Part # 2ST15300RSRHRTW
Description  Rad-Hard 300 V, 5 A NPN bipolar transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2ST15300RSRHRTW Datasheet(HTML) 4 Page - STMicroelectronics

  2ST15300RSRHRTW Datasheet HTML 1Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 2Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 3Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 4Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 5Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 6Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 7Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 8Page - STMicroelectronics 2ST15300RSRHRTW Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3
Radiation hardness assurance
This products is guaranteed in radiation as per ESCC 22900 and in compliance with ESCC 5201/020
specification. Each lot is tested in radiation according to the following procedure:
Standard dose rate window (typical at 0.1 rad / sec.)
Test of 11 samples (5 biased at 80% of BVceo, 5 unbiased and 1 for reference)
Acceptance criteria in compliance with the post radiation electrical characteristics as per Table 4.
Table 4. ESCC 5201/020 post radiation electrical characteristics (Tamb = 25 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Max.
Unit
ICBO
Collector-base cut-off current
(IE = 0)
VCB = 240 V
10
µA
IEBO
Emitter-base cut-off current
(IC = 0)
VEB = 6 V
50
µA
V(BR)CBO
Collector-base breakdown
voltage (IE = 0)
IC = 10 mA
240
V
V(BR)CEO (1)
Collector-emitter breakdown
voltage (IB = 0)
IC = 10 mA
100
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = 10 μA
6
V
VCE(sat) (1)
Collector-emitter saturation
voltage
IC = 5 A, IB = 1 A
0.7
V
VBE(sat) (1)
Base-emitter saturation
voltage
IC = 5 A, IB = 1 A
1.4
V
[hFE]
Post irradiation gain
calculation(2)
IC = 50 mA, VCE = 0.6 V
[25]
IC = 250 mA, VCE =0.6 V
[27.5]
IC = 5 A, VCE = 5 V
[27.5]
IC = 5 A, VCE = 5 V
[17.5]
1. Pulse test: pulse duration ≤ 300 μs, duty cycle ≤ 2%.
2. The post-irradiation gain calculation [hFE] is made according to MILSTD-750 test method 1019.
2ST15300
Radiation hardness assurance
DS13014 - Rev 6
page 4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com