Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STAP57060 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STAP57060
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP57060 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STAP57060 Datasheet HTML 2Page - STMicroelectronics STAP57060 Datasheet HTML 3Page - STMicroelectronics STAP57060 Datasheet HTML 4Page - STMicroelectronics STAP57060 Datasheet HTML 5Page - STMicroelectronics STAP57060 Datasheet HTML 6Page - STMicroelectronics STAP57060 Datasheet HTML 7Page - STMicroelectronics STAP57060 Datasheet HTML 8Page - STMicroelectronics STAP57060 Datasheet HTML 9Page - STMicroelectronics STAP57060 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Typical performance
STAP57060
6/16
Doc ID 15708 Rev 1
5
Typical performance
Figure 3.
Capacitance vs. supply voltage
Figure 4.
Drain current vs. gate-source
voltage
Figure 5.
Gate-source voltage vs. case
temperature
Figure 6.
Output power vs. input power
Figure 7.
Power gain vs. output power
Figure 8.
Drain efficiency vs. output power
0
5
10
15
20
25
30
VDS (V)
1
10
100
1000
C (pF)
f = 1 MHz
Crss
Ciss
Coss
2
2.5
3
3.5
4
4.5
5
5.5
6
VGS (V)
0
1
2
3
4
5
6
7
8
Id (A)
VDS=10 V
-25
0
25
50
75
100
Tc (°C)
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
VGS (Normalized)
VDS = 10 V
Id = 0.5 A
Id = 1 A
Id = 2 A
Id = 3 A
Id = 4 A
Id = 5 A
0
0.5
1
1.5
2
2.5
3
3.5
4
Pin (W)
0
10
20
30
40
50
60
70
80
Pout (W)
VDS=28V
IDQ=100mA
960MHz
945MHz
890MHz
925MHz
0
102030
40
5060
70
80
Pout (W)
2
4
6
8
10
12
14
16
18
Gp (dB)
VDS=28V
IDQ=100mA
960MHz
945MHz
890MHz
925MHz
0
10
2030
40
5060
7080
Pout (W)
20
30
40
50
60
70
Nd (%)
VDS=28V
IDQ=100mA
960MHz
890MHz
945MHz
925MHz
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com