Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STAP57060 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STAP57060
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP57060 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STAP57060 Datasheet HTML 6Page - STMicroelectronics STAP57060 Datasheet HTML 7Page - STMicroelectronics STAP57060 Datasheet HTML 8Page - STMicroelectronics STAP57060 Datasheet HTML 9Page - STMicroelectronics STAP57060 Datasheet HTML 10Page - STMicroelectronics STAP57060 Datasheet HTML 11Page - STMicroelectronics STAP57060 Datasheet HTML 12Page - STMicroelectronics STAP57060 Datasheet HTML 13Page - STMicroelectronics STAP57060 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Common source s-parameters
STAP57060
10/16
Doc ID 15708 Rev 1
7
Common source s-parameters
Table 8.
STAP57060 (VDS = 28 V ID = 1.5 A)
FREQ
(MHz)
IS11IS11∠Φ
IS21IS21∠Φ
IS12IS12∠Φ
IS22IS22∠Φ
150
0.876
-168
7.35
63
0.011
-19
0.744
-165
200
0.892
-170
5.08
54
0.011
-23
0.785
-166
250
0.912
-172
3.74
46
0.007
-32
0.823
-167
300
0.927
-173
2.84
39
0.007
-30
0.856
-168
350
0.938
-174
2.23
33
0.006
-30
0.880
-170
400
0.948
-175
1.79
28
0.004
-38
0.903
-171
450
0.956
-176
1.47
24
0.003
-34
0.922
-172
500
0.961
-177
1.22
20
0.003
-12
0.931
-173
550
0.966
-178
1.03
17
0.003
-17
0.938
-174
600
0.968
-179
0.88
14
0.002
-8
0.942
-175
650
0.971
-180
0.76
11
0.002
45
0.945
-176
700
0.974
180
0.67
9
0.003
47
0.954
-177
750
0.975
179
0.59
6
0.003
47
0.960
-178
800
0.976
178
0.52
4
0.003
75
0.963
-179
850
0.977
178
0.47
2
0.004
71
0.968
-180
900
0.977
177
0.42
0
0.005
65
0.971
180
950
0.979
177
0.38
-2
0.005
68
0.970
179
1000
0.978
176
0.34
-4
0.005
80
0.974
179
1050
0.978
176
0.31
-5
0.007
76
0.969
178
1100
0.978
175
0.29
-7
0.007
77
0.972
178
1150
0.978
175
0.27
-8
0.007
78
0.971
177
1200
0.977
174
0.24
-10
0.008
80
0.973
176
1250
0.976
174
0.23
-11
0.008
77
0.974
176
1300
0.974
173
0.21
-13
0.009
74
0.971
175
1350
0.974
173
0.19
-14
0.009
76
0.969
175
1400
0.972
172
0.18
-16
0.009
81
0.970
174
1450
0.971
172
0.17
-16
0.010
86
0.968
174
1500
0.968
171
0.15
-17
0.010
91
0.967
173
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com