Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STAP57060 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STAP57060
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP57060 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STAP57060 Datasheet HTML 3Page - STMicroelectronics STAP57060 Datasheet HTML 4Page - STMicroelectronics STAP57060 Datasheet HTML 5Page - STMicroelectronics STAP57060 Datasheet HTML 6Page - STMicroelectronics STAP57060 Datasheet HTML 7Page - STMicroelectronics STAP57060 Datasheet HTML 8Page - STMicroelectronics STAP57060 Datasheet HTML 9Page - STMicroelectronics STAP57060 Datasheet HTML 10Page - STMicroelectronics STAP57060 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STAP57060
Typical performance
Doc ID 15708 Rev 1
7/16
Figure 9.
Input return loss vs output power
Figure 10.
Output power vs bias current
Figure 11.
Drain efficiency vs bias current
Figure 12.
Output power vs supply voltage
Figure 13.
Drain efficiency vs supply voltage
Figure 14.
Output power vs gate-source
voltage
0
1020
3040
5060
7080
Pout (W)
-40
-30
-20
-10
0
RL (dB)
VDS=28V
IDQ=100mA
945MHz
925MHz
960MHz
890MHz
0
0.5
1
1.5
2
2.5
IDQ (A)
10
20
30
40
50
60
70
80
Pout (W)
Pin=32.8dBm
VDS=28V
960MHz
890MHz
945MHz
925MHz
0
0.5
1
1.5
2
2.5
IDQ (A)
10
20
30
40
50
60
70
Nd (%)
Pin=32.8dBm
VDS=28V
960MHz
925MHz
890MHz
945MHz
10
15
20
25
30
VDS (V)
10
20
30
40
50
60
70
Pout (W)
Pin=32.8dBm
IDQ=100mA
960MHz
890MHz
925MHz
945MHz
10
15
20
25
30
VDS (V)
10
20
30
40
50
60
70
Nd (%)
Pin=32.8dBm
IDQ=100mA
960MHz
925MHz
890MHz
945MHz
0
1
2
345
VGS (V)
10
20
30
40
50
60
70
80
Pout (W)
Pin=32.8dBm
VDS=28v
960MHz
9455MHz
890MHz
925MHz
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com