Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STAP85025 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STAP85025
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP85025 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STAP85025 Datasheet HTML 3Page - STMicroelectronics STAP85025 Datasheet HTML 4Page - STMicroelectronics STAP85025 Datasheet HTML 5Page - STMicroelectronics STAP85025 Datasheet HTML 6Page - STMicroelectronics STAP85025 Datasheet HTML 7Page - STMicroelectronics STAP85025 Datasheet HTML 8Page - STMicroelectronics STAP85025 Datasheet HTML 9Page - STMicroelectronics STAP85025 Datasheet HTML 10Page - STMicroelectronics STAP85025 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STAP85025
Typical performances
Doc ID 15795 Rev 2
7/12
Figure 6.
DC output characteristics
(Tamb = 60
oC)
Figure 7.
Gain vs output power and
bias current
0
1
2
3
4
5
6
02
46
8
10
12
VD S[ V]
Vgs = 4.0V
Vgs = 4.5V
Vgs = 5.0V
Vgs = 5.5V
Vgs = 6.0V
Tamb = + 60 °C
10
11
12
13
14
15
16
17
18
19
20
0
5
10
15
20
25
30
35
Input power (W)
Idq = 100mA
Idq = 200mA
Idq = 300mA
Freq = 870 MHz
Vdd = 13.6V
Output power (W)
Figure 8.
Ouptut power and efficiency vs
input power
Figure 9.
Output power and drain current vs
gate voltage
0
5
10
15
20
25
30
35
40
0.00.5
1.01.5
2.02.5
Input power (W)
0
10
20
30
40
50
60
70
80
Pout
Eff
Freq = 870 MHz
Vdd = 13.6V
Idq = 300 mA
0
4
8
12
16
20
24
28
32
01
23
45
6
Vgs(V)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
Pout
Id
Freq = 870 MHz
Pin = 0.4W
Idq = 300mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com