Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STAP85025 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAP85025
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP85025 Datasheet(HTML) 1 Page - STMicroelectronics

  STAP85025 Datasheet HTML 1Page - STMicroelectronics STAP85025 Datasheet HTML 2Page - STMicroelectronics STAP85025 Datasheet HTML 3Page - STMicroelectronics STAP85025 Datasheet HTML 4Page - STMicroelectronics STAP85025 Datasheet HTML 5Page - STMicroelectronics STAP85025 Datasheet HTML 6Page - STMicroelectronics STAP85025 Datasheet HTML 7Page - STMicroelectronics STAP85025 Datasheet HTML 8Page - STMicroelectronics STAP85025 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Target specification
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
July 2009
Doc ID 15795 Rev 2
1/12
12
STAP85025
RF power transistor, LdmoST plastic family
N-channel enhancement-mode lateral MOSFETs
Features
■ Excellent thermal stability
■ Common source configuration
■ POUT = 25 W with 15.7 dB gain @ 870 MHz /
13.6 V
■ Plastic package
■ ESD protection
■ In compliance with the 2002/95/EC European
directive
Description
The STAP85025 is a common source N-channel,
enhancement-mode lateral field-effect RF power
transistor. It is designed for high gain, broadband
commercial and industrial applications. It
operates at 13.6 V in common source mode at
frequencies of up to 1 GHz. STAP85025 boasts
the excellent gain, linearity and reliability of ST’s
latest LDMOS technology mounted in STAP ST
advanced PowerSO-10RF package.
STAP85025’s superior linearity performance
makes it an ideal solution for car mobile radio.
The STAP ST plastic package was designed to
offer high reliability and high power capability.
It has been specially optimized for RF needs and
offers excellent RF performances and ease of
assembly.
Mounting recommendations are available in
www.st.com/rf/ (look for application note AN1294)
Figure 1.
Pin connection
STAP1
AM02217
Drain
Gate
Source
Table 1.
Device summary
Order code
Package
Packaging
STAP85025
STAP1
Tube
www.st.com


Similar Part No. - STAP85025

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Dec-2015
More results

Similar Description - STAP85025

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
29-Apr-2006
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Aug-2007
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-May-2007
PD85015-E STMICROELECTRONICS-PD85015-E Datasheet
251Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
06-Jul-2009
PD57060S-E STMICROELECTRONICS-PD57060S-E Datasheet
520Kb / 21P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
03-Jun-2010
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
25-May-2010
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-Jan-2007
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Dec-2015
STAP57045 STMICROELECTRONICS-STAP57045 Datasheet
366Kb / 17P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
26-Mar-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com